Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS161 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS161
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS161 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75ALS161 Datasheet HTML 3Page - Texas Instruments SN75ALS161 Datasheet HTML 4Page - Texas Instruments SN75ALS161 Datasheet HTML 5Page - Texas Instruments SN75ALS161 Datasheet HTML 6Page - Texas Instruments SN75ALS161 Datasheet HTML 7Page - Texas Instruments SN75ALS161 Datasheet HTML 8Page - Texas Instruments SN75ALS161 Datasheet HTML 9Page - Texas Instruments SN75ALS161 Datasheet HTML 10Page - Texas Instruments SN75ALS161 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN75ALS161
OCTAL GENERALPURPOSE INTERFACE BUS TRANSCEIVERS
SLLS019F − JUNE 1986 − REVISED JULY 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, VCC = 5 V
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time,
low- to high-level output
Terminal
Bus
CL = 30 pF,
10
20
ns
tPHL
Propagation delay time,
high- to low-level output
Terminal
Bus
CL = 30 pF,
See Figure 1
12
20
ns
tPLH
Propagation delay time,
low- to high-level output
Bus
Terminal
CL = 30 pF,
5
10
ns
tPHL
Propagation delay time,
high- to low-level output
Bus
Terminal
CL = 30 pF,
See Figure 2
7
14
ns
tPZH
Output enable time to high level
Bus (ATN, EOI,
30
tPHZ
Output disable time from high level
TE or DC
Bus (ATN, EOI,
REN, IFC, and
CL = 15 pF,
20
ns
tPZL
Output enable time to low level
TE or DC
REN, IFC, and
DAV)
CL = 15 pF,
See Figure 3
45
ns
tPLZ
Output disable time from low level
DAV)
See Figure 3
20
tPZH
Output enable time to high level
30
tPHZ
Output disable time from high level
TE or DC
Terminal
CL = 15 pF,
25
ns
tPZL
Output enable time to low level
TE or DC
Terminal
CL = 15 pF,
See Figure 4
30
ns
tPLZ
Output disable time from low level
See Figure 4
25
† All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com