Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS161 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS161
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS161 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75ALS161 Datasheet HTML 6Page - Texas Instruments SN75ALS161 Datasheet HTML 7Page - Texas Instruments SN75ALS161 Datasheet HTML 8Page - Texas Instruments SN75ALS161 Datasheet HTML 9Page - Texas Instruments SN75ALS161 Datasheet HTML 10Page - Texas Instruments SN75ALS161 Datasheet HTML 11Page - Texas Instruments SN75ALS161 Datasheet HTML 12Page - Texas Instruments SN75ALS161 Datasheet HTML 13Page - Texas Instruments SN75ALS161 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SN75ALS161
OCTAL GENERALPURPOSE INTERFACE BUS TRANSCEIVERS
SLLS019F − JUNE 1986 − REVISED JULY 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tPZL
0.5 V
1 V
≈3.5 V
0 V
VOH
0 V
3 V
90%
2 V
Bus
Output
S1 Open
Control
Input
(see Note B)
1.5 V
1.5 V
5 V
Test Point
From (Bus)
Output Under Test
S1
LOAD CIRCUIT
VOLTAGE WAVEFORMS
VOL
tPZH
tPLZ
tPHZ
CL =15 pF
(see Note A)
200
Ω
480
Ω
Bus
Output
S1 Closed
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
Figure 3. Bus Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com