Electronic Components Datasheet Search
  English  ▼

X  

74ALVC374 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALVC374
Description  Octal D-type flip-flop; positive-edge trigger; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC374 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALVC374 Datasheet HTML 1Page - NXP Semiconductors 74ALVC374 Datasheet HTML 2Page - NXP Semiconductors 74ALVC374 Datasheet HTML 3Page - NXP Semiconductors 74ALVC374 Datasheet HTML 4Page - NXP Semiconductors 74ALVC374 Datasheet HTML 5Page - NXP Semiconductors 74ALVC374 Datasheet HTML 6Page - NXP Semiconductors 74ALVC374 Datasheet HTML 7Page - NXP Semiconductors 74ALVC374 Datasheet HTML 8Page - NXP Semiconductors 74ALVC374 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74ALVC374_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 17 October 2007
4 of 17
NXP Semiconductors
74ALVC374
Octal D-type flip-flop; positive-edge trigger; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 5.
Pin configuration SO20 and TSSOP20
Fig 6.
Pin configuration DHVQFN20
374
OE
VCC
Q0
Q7
D0
D7
D1
D6
Q1
Q6
Q2
Q5
D2
D5
D3
D4
Q3
Q4
GND
CP
001aad040
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
001aad088
374
GND(1)
Transparent top view
Q4
D3
Q3
D4
D2
D5
Q2
Q5
Q1
Q6
D1
D6
D0
D7
Q0
Q7
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
D[0:7]
3, 4, 7, 8, 13, 14, 17, 18
data input
CP
11
clock input (LOW to HIGH, edge-triggered)
OE
1
output enable input (active LOW)
Q[0:7]
2, 5, 6, 9, 12, 15, 16, 19
3-state flip-flop output
VCC
20
supply voltage
GND
10
ground (0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com