Electronic Components Datasheet Search
  English  ▼

X  

74ALVC374 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ALVC374
Description  Octal D-type flip-flop; positive-edge trigger; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC374 Datasheet(HTML) 1 Page - NXP Semiconductors

  74ALVC374 Datasheet HTML 1Page - NXP Semiconductors 74ALVC374 Datasheet HTML 2Page - NXP Semiconductors 74ALVC374 Datasheet HTML 3Page - NXP Semiconductors 74ALVC374 Datasheet HTML 4Page - NXP Semiconductors 74ALVC374 Datasheet HTML 5Page - NXP Semiconductors 74ALVC374 Datasheet HTML 6Page - NXP Semiconductors 74ALVC374 Datasheet HTML 7Page - NXP Semiconductors 74ALVC374 Datasheet HTML 8Page - NXP Semiconductors 74ALVC374 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74ALVC374 is an octal D-type flip-flop featuring separate D-type inputs for each
flip-flop and 3-state outputs for bus-oriented applications. A clock input (CP) and an
outputs enable input (OE) are common to all flip-flops.
The eight flip-flops will store the state of their individual D-inputs that meet the set-up and
hold times requirements on the LOW to HIGH CP transition.
When pin OE is LOW, the contents of the eight flip-flops is available at the outputs. When
pin OE is HIGH, the outputs go to the high-impedance OFF-state. Operation of the OE
input does not affect the state of the flip-flops.
The 74ALVC374 is functionally identical to the 74ALVC574, but has a different pin
arrangement.
2.
Features
s Wide supply voltage range from 1.65 V to 3.6 V
s 3.6 V tolerant inputs/outputs
s CMOS low power consumption
s Direct interface with TTL levels (2.7 V to 3.6 V)
s Power-down mode
s Latch-up performance exceeds 250 mA
s Complies with JEDEC standards:
x JESD8-7 (1.65 V to 1.95 V)
x JESD8-5 (2.3 V to 2.7 V)
x JESD8B/JESD36 (2.7 V to 3.6 V)
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A 115-A exceeds 200 V
74ALVC374
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02 — 17 October 2007
Product data sheet


Similar Part No. - 74ALVC374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC374 PHILIPS-74ALVC374 Datasheet
94Kb / 20P
Octal D-type flip-flop positive edge-trigger
2002 Feb 26
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
74ALVC374BQ NEXPERIA-74ALVC374BQ Datasheet
259Kb / 15P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC374D PHILIPS-74ALVC374D Datasheet
94Kb / 20P
Octal D-type flip-flop positive edge-trigger
2002 Feb 26
logo
Nexperia B.V. All right...
74ALVC374D NEXPERIA-74ALVC374D Datasheet
259Kb / 15P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
More results

Similar Description - 74ALVC374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
Octal D-type flip-flop; positive edge-trigger (3-State)
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com