| Electronic Components Datasheet Search |
|
8B10B Datasheet(PDF) 39 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
8B10B Datasheet(HTML) 39 Page - Altera Corporation |
|
39 / 40 page ![]() Altera Corporation MegaCore Version 7.2 3–11 October 2007 8B10B Encoder/Decoder MegaCore Function User Guide Specifications idle_ins Input Idle character insert. When high, idle (K28.5) characters are inserted when ena is not asserted. datain[7:0] Input Data input. This is the 8-bit input word, data or command. rdin Input Running disparity input. When rdforce is high, the value on this pin is used as the current running disparity instead of the internally generated one. rdforce Input Force running disparity. When high, the rdin value overrides the internally generated running disparity. kerr Output Special K character error. This signal is set high when ena and kin are high and the value on datain is not a valid special K character. dataout[9:0] Output Data output. This is the 10-bit encoded output. valid Output Valid signal. When high, indicates that a valid encoded word is present on the dataout output. rdout Output Running disparity output. The current running disparity (after encoding the word present on the dataout output). rdcascade Output Cascaded running disparity. Used when encoders are cascaded. Table 3–4. Decoder Signals (Part 1 of 2) Signal Name Direction Description clk Input Clock. The input is latched, and the result output on this clock. There is a three clock cycle latency between the input and output. reset_n Input Active low, reset. Asynchronously resets all registers in the MegaCore function. This signal must be deasserted synchronously to the rising edge of clk. idle_del Input Idle delete signal. When high, idle words (K28.5) are removed from the stream (i.e. valid is set low when idle words are received). ena Input Enable decoder signal. When high, indicates that the data currently present on the datain input is to be decoded. datain[9:0] Input Data input. This is the 10-bit encoded input word. rdin Input Running disparity input. When rdforce is high, the value on this pin is used as the current running disparity instead of the internally generated one. rdforce Input Force running disparity. When high, the rdin value overrides the internally generated running disparity. Table 3–3. Encoder Signals (Part 2 of 2) Signal Name Direction Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |