Electronic Components Datasheet Search
  English  ▼

X  

74LVC2G241 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC2G241
Description  Dual buffer/line driver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G241 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC2G241 Datasheet HTML 1Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74LVC2G241_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 5 October 2007
2 of 17
NXP Semiconductors
74LVC2G241
Dual buffer/line driver; 3-state
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC2G241DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVC2G241DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVC2G241GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
74LVC2G241GM
−40 °C to +125 °C
XQFN8
plastic extremely thin quad flat package; no leads;
8 terminals; body 1.6
× 1.6 × 0.5 mm
SOT902-1
Table 2.
Marking
Type number
Marking code
74LVC2G241DP
V241
74LVC2G241DC
V41
74LVC2G241GT
V41
74LVC2G241GM
V41
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aaa409
1OE
1Y
1
26
1A
2OE
2Y
7
53
2A
001aaa408
1
EN1
EN2
1
2
6
2
7
3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com