Electronic Components Datasheet Search
  English  ▼

X  

74LVC2G241 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC2G241
Description  Dual buffer/line driver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G241 Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC2G241 Datasheet HTML 1Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74LVC2G241 is a dual non-inverting buffer/line driver with 3-state outputs. The
3-state outputs are controlled by the output enable inputs 1OE and 2OE:
• A HIGH level at pin 1OE causes output 1Y to assume a high-impedance OFF-state.
• A LOW level at pin 2OE causes output 2Y to assume a high-impedance OFF-state.
Schmitt trigger action at all inputs makes the circuit highly tolerant of slower input rise and
fall times.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
2.
Features
I Wide supply voltage range from 1.65 V to 5.5 V
I 5 V tolerant input/output for interfacing with 5 V logic
I High noise immunity
I Complies with JEDEC standard:
N JESD8-7 (1.65 V to 1.95 V)
N JESD8-5 (2.3 V to 2.7 V)
N JESD8-B/JESD36 (2.7 V to 3.6 V)
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I ±24 mA output drive (VCC = 3.0 V)
I CMOS low power consumption
I Latch-up performance exceeds 250 mA
I Direct interface with TTL levels
I Inputs accept voltages up to 5 V
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
74LVC2G241
Dual buffer/line driver; 3-state
Rev. 07 — 5 October 2007
Product data sheet


Similar Part No. - 74LVC2G241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
74LVC2G241 NXP-74LVC2G241 Datasheet
111Kb / 18P
Dual buffer/line driver; 3-state
Rev. 09-10 June 2008
logo
Nexperia B.V. All right...
74LVC2G241 NEXPERIA-74LVC2G241 Datasheet
274Kb / 18P
Dual buffer/line driver; 3-state
Rev. 16 - 31 July 2019
74LVC2G241-Q100 NEXPERIA-74LVC2G241-Q100 Datasheet
228Kb / 13P
Dual buffer/line driver; 3-state
logo
NXP Semiconductors
74LVC2G241DC PHILIPS-74LVC2G241DC Datasheet
103Kb / 18P
Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
More results

Similar Description - 74LVC2G241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
Dual buffer/line driver; 3-state
2003 Mar 03
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
DUAL BUFFER/LINE DRIVER; 3-STATE
logo
NXP Semiconductors
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com