Electronic Components Datasheet Search
  English  ▼

X  

CXG1189AXR Datasheet(PDF) 3 Page - Sony Corporation

Part # CXG1189AXR
Description  High Power SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1189AXR Datasheet(HTML) 3 Page - Sony Corporation

  CXG1189AXR Datasheet HTML 1Page - Sony Corporation CXG1189AXR Datasheet HTML 2Page - Sony Corporation CXG1189AXR Datasheet HTML 3Page - Sony Corporation CXG1189AXR Datasheet HTML 4Page - Sony Corporation CXG1189AXR Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CXG1189AXR
- 3 -
Block Diagram and Recommended Circuit
When using this IC, the following external components should be used:
Rctl: This resistor is used to improve ESD performance. 1k
Ω is recommended
CRF: This capacitor is used for RF decoupling and must be used for all applications.
Cbypass: This capacitor is used for DC line filtering. 100pF is recommended.
Truth Table
DC Bias Condition
(Ta = 25°C)
CTLA
Cbypass
(100pF)
Rctl (1k
Ω)
5
6
4
11
10
12
8
7
9
2
3
1
Cbypass
(100pF)
Rctl (1k
Ω)
CRF
GND
RF3
RF2
RF1
CTLB
GND
GND
GND
GND
GND
GND
CRF
CRF
F2
F4
F1
F3
CTLA
CTLB
ON State
F1
F2
F3
F4
L
H
RF1 – RF2
ON
OFF
OFF
ON
H
L
RF1 – RF3
OFF
ON
ON
OFF
Item
Min.
Typ.
Max.
Unit
Vctl (H)
2.6
2.8
3.6
V
Vctl (L)
0
—
0.4
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com