Electronic Components Datasheet Search
  English  ▼

X  

CXG1189AXR Datasheet(PDF) 4 Page - Sony Corporation

Part # CXG1189AXR
Description  High Power SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1189AXR Datasheet(HTML) 4 Page - Sony Corporation

  CXG1189AXR Datasheet HTML 1Page - Sony Corporation CXG1189AXR Datasheet HTML 2Page - Sony Corporation CXG1189AXR Datasheet HTML 3Page - Sony Corporation CXG1189AXR Datasheet HTML 4Page - Sony Corporation CXG1189AXR Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CXG1189AXR
- 4 -
Electrical Characteristics
(Ta = 25°C)
Electrical characteristics are measured with all RF ports terminated in 50
Ω.
*1
Harmonics measured with Tx inputs harmonically matched. The use of harmonic matching is recommended
to ensure optimum performance.
1. Power incident on Tx, Pin = 34dBm, 824 to 915MHz, Vctl (H) = 2.8V, Vctl (L) = 0V
2. Power incident on Tx, Pin = 32dBm, 1710 to 1910MHz, Vctl (H) = 2.8V, Vctl (L) = 0V
3. Power incident on Tx, Pin = 29dBm, 1920 to 1980MHz, Vctl (H) = 2.8V, Vctl (L) = 0V
Item
Symbol
Path
Condition
Min.
Typ.
Max.
Unit
Insertion loss
IL
RF1 – RF2
824 to 960MHz
0.25
0.40
dB
1710 to 1990MHz
0.30
0.45
dB
1920 to 2170MHz
0.35
0.50
dB
RF1 – RF3
824 to 960MHz
0.25
0.40
dB
1710 to 1990MHz
0.30
0.45
dB
1920 to 2170MHz
0.35
0.50
dB
Isolation
ISO.
RF1 – RF2
824 to 960MHz
25
32
dB
1710 to 1990MHz
25
31
dB
1920 to 2170MHz
25
30
dB
RF1 – RF3
824 to 960MHz
25
32
dB
1710 to 2170MHz
25
31
dB
1920 to 2170MHz
25
30
dB
VSWR
VSWR
824 to 960MHz
1.2
—
1710 to 2170MHz
1.2
—
1920 to 2170MHz
1.2
—
Harmonics*1
2fo
RF1 – RF2
RF1 – RF3
824 to 915MHz
Vctl = 2.8/0V
–45
–35
dBm
3fo
–42
–35
dBm
2fo
RF1 – RF2
RF1 – RF3
1710 to 1910MHz
Vctl = 2.8/0V
–42
–35
dBm
3fo
–40
–35
dBm
2fo
RF1 – RF2
RF1 – RF3
1920 to 1980MHz
Vctl = 2.8/0V
–46
–35
dBm
3fo
–46
–35
dBm
P0.2dB compression
input power
P0.2dB
RF1 – RF2
RF1 – RF3
824 to 915MHz
Vctl = 2.8/0V
34.5
dBm
RF1 – RF2
RF1 – RF3
1710 to 1910MHz
Vctl = 2.8/0V
32.5
dBm
RF1 – RF2
RF1 – RF3
1920 to 1980MHz
Vctl = 2.8/0V
31
dBm
Control current
Ictl
Vctl = 2.8V
2
6
μA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com