Electronic Components Datasheet Search
  English  ▼

X  

MAX9730 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9730
Description  2.4W, Single-Supply, Class G Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9730 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9730 Datasheet HTML 1Page - Maxim Integrated Products MAX9730 Datasheet HTML 2Page - Maxim Integrated Products MAX9730 Datasheet HTML 3Page - Maxim Integrated Products MAX9730 Datasheet HTML 4Page - Maxim Integrated Products MAX9730 Datasheet HTML 5Page - Maxim Integrated Products MAX9730 Datasheet HTML 6Page - Maxim Integrated Products MAX9730 Datasheet HTML 7Page - Maxim Integrated Products MAX9730 Datasheet HTML 8Page - Maxim Integrated Products MAX9730 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2.4W, Single-Supply, Class G Power Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = CPVDD = SHDN = 3.6V, GND = CPGND = 0V, RIN+ = RIN- = 10kΩ, RFB+ = RFB- = 10kΩ, RFS = 100kΩ, C1 = 4.7µF, C2 =
10µF; speaker load resistors (RL) are terminated between OUT+ and OUT-, unless otherwise stated; TA = TMIN to TMAX, unless other-
wise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages with respect to GND.)
VCC, CPVDD .............................................................-0.3V to +6V
PVSS, SVSS ...............................................................-6V to +0.3V
CPGND..................................................................-0.3V to +0.3V
OUT+, OUT-...................................(SVSS - 0.3V) to (VCC + 0.3V)
IN+, IN-, FB+, FB- ......................................-0.3V to (VCC + 0.3V)
C1N..........................................(PVSS - 0.3V) to (CPGND + 0.3V)
C1P.......................................(CPGND - 0.3V) to (CPVDD + 0.3V)
FS, SHDN ...................................................-0.3V to (VCC + 0.3V)
Continuous Current Into/Out of
OUT+, OUT-, VCC, GND, SVSS .....................................800mA
CPVDD, CPGND, C1P, C1N, PVSS.................................800mA
Any Other Pin ..................................................................20mA
Continuous Power Dissipation (TA = +70°C)
20-Bump UCSP (derate 10.3mW/°C above +70°C) .....827mW
28-Pin TQFN (derate 20.8mW/°C above +70°C) ........1667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
Bump Temperature (soldering) Reflow............................+235°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Supply Voltage Range
VCC
Inferred from PSRR test
2.7
5.5
V
Quiescent Current
ICC
812
mA
Chip Power Dissipation
PDISS
VOUT = 2.8VRMS, f = 1kHz, RL = 8
Ω
0.9
W
Shutdown Current
ISHDN
SHDN = GND
0.3
5
µA
Turn-On Time
tON
Time from shutdown or power-on to full
operation
50
ms
Input DC Bias Voltage
VBIAS
IN_ inputs
1.1
1.24
1.4
V
ILOAD = 0mA (slow mode)
55
83
110
Charge-Pump Oscillator
Frequency (Slow Mode)
fOSC
ILOAD > 100mA (normal mode)
230
330
430
kHz
Maximum Capacitive Load
CL
200
pF
VIH
1.4
SHDN Input Threshold (Note 3)
VIL
0.4
V
SHDN Input Leakage Current
±1
µA
SPEAKER AMPLIFIER
TA = +25°C
±3
±15
Output Offset Voltage
VOS
TMIN
≤ TA ≤ TMAX
±20
mV
Common-Mode Rejection Ratio
CMRR
fIN = 1kHz (Note 4)
68
dB
Click-and-Pop Level
VCP
Peak voltage into/out of shutdown
A-weighted, 32 samples per second
(Notes 5, 6)
-52
dBV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com