Electronic Components Datasheet Search
  English  ▼

X  

MAX9730 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9730
Description  2.4W, Single-Supply, Class G Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9730 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9730 Datasheet HTML 2Page - Maxim Integrated Products MAX9730 Datasheet HTML 3Page - Maxim Integrated Products MAX9730 Datasheet HTML 4Page - Maxim Integrated Products MAX9730 Datasheet HTML 5Page - Maxim Integrated Products MAX9730 Datasheet HTML 6Page - Maxim Integrated Products MAX9730 Datasheet HTML 7Page - Maxim Integrated Products MAX9730 Datasheet HTML 8Page - Maxim Integrated Products MAX9730 Datasheet HTML 9Page - Maxim Integrated Products MAX9730 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2.4W, Single-Supply, Class G Power Amplifier
6
_______________________________________________________________________________________
6
_______________________________________________________________________________________
CLASS G OUTPUT WAVEFORM
MAX9730 toc17
200
μs/div
OUT+ - OUT-
10V/div
OUT-
5V/div
OUT+
5V/div
1% THD+N
FREQUENCY RESPONSE
FREQUENCY (Hz)
10k
1k
100
2
4
6
8
10
12
14
16
18
20
0
10
100k
POUT = 1W
Pin Description
Typical Operating Characteristics (continued)
(VCC = CPVDD = SHDN = 3.6V, GND = CPGND = 0V, RIN+ = RIN- = 10kΩ, RFB+ = RFB- = 10kΩ, RFS = 100kΩ, C1 = 4.7µF, C2 =
10µF, RL = 8Ω; speaker load resistors (RL) are terminated between OUT+ and OUT-, unless otherwise stated; TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
PIN
TQFN
UCSP
NAME
FUNCTION
1B2
SHDN
Shutdown
2, 5, 6, 8, 11, 17,
19, 23, 25, 28
—
N.C.
No Connection. No internal connection.
3
A2
C1P
Charge-Pump Flying Capacitor, Positive Terminal. Connect a 4.7µF
capacitor between C1P and C1N.
4
A3
CPVDD
Charge-Pump Positive Supply
7
A4
FB-
Negative Amplifier Feedback
9
A5
IN-
Negative Amplifier Input
10
B5
IN+
Positive Amplifier Input
12
B4
FB+
Positive Amplifier Feedback
13
C5
FS
Charge-Pump Frequency Set. Connect a 100k
Ω resistor from FS to
GND to set the charge-pump switching frequency.
14, 22
D1, D5
VCC
Supply Voltage. Bypass with a 10µF capacitor to GND.
15, 21
C2, C4
SVSS
Amplifier Negative Power Supply. Connect to PVSS.
16
D4
OUT-
Negative Amplifier Output
18
D3
GND
Ground
20
D2
OUT+
Positive Amplifier Output
24
C1
PVSS
Charge-Pump Output. Connect a 10µF capacitor between PVSS and
CPGND.
26
B1
C1N
Charge-Pump Flying Capacitor, Negative Terminal. Connect a 4.7µF
capacitor between C1N and C1P.
27
A1
CPGND
Charge-Pump Ground. Connect to GND.
EP
—
EP
Exposed Pad. Connect the TQFN EP to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com