Electronic Components Datasheet Search
  English  ▼

X  

COMH-CCAS Datasheet(PDF) 3 Page - Kontron

Part # COMH-CCAS
Description  COM-HPC Client Size C module based on the 12th
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

COMH-CCAS Datasheet(HTML) 3 Page - Kontron

  COMH-CCAS Datasheet HTML 1Page - Kontron COMH-CCAS Datasheet HTML 2Page - Kontron COMH-CCAS Datasheet HTML 3Page - Kontron COMH-CCAS Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.kontron.com
COMh-ccAS
PCIe
Gen3 #0-5
(Group 0 Low)
PCIe Gen3
#40-47
(Group 2
high)
Ext
FAN
PCIe
Gen3
#6
DDI#2
NBASE-T #0
SER0
SER1
NBASE-T #1
PCIe
Gen 4
#12-15
PCIe Gen4
#32-39
(Group 2 low)
Boot
SPI
PCIe Gen. 5
#16-31
(Group 1)
I2C
GPIO
PwrCtrl
SysMgmt
LID
Sleep
GPIO
Ctrl
Mgmt
Sound-
wire
DMIC
eSPI
USB #4-7
(USB 2.0)
USB #0-3
(USB 3.2
2x2)
PCIe Gen. 4
#8-11 (Group 0
High)
SATA#0+1
UARTS
Connector
Option
Standard
component
FAN1
I2C
EEPROM
Watchdog
I2C
GPIO
SPI
BIOS
Flash
DDI#0
2x DDR5 SODIMM
ECC and non-ECC
2x DDR5 SODIMM
ECC and non-ECC
DDI#1
eDP
TSN
2.5 Gbps
GPYX15 PHY
Intel® 600 Series Chipset
Alder Lake-S Series
COM-HPC® Connector J1– Client Pin-out
Intel®
12th Gen Core
Alder Lake-S Series
LGA 1700
Socket
COM-HPC® Connector J2 – Client Pin-out
2.5 Gbps
i226 MAC-PHY
HSIO 18
TSN
HSIO 17
HSIO 16
HSIO10-15
HSIO28-29
HSIO30-37
TPM
HSIO 0-3;6-9
Power
Conversion
Circuits
Power
sequencing
Controller
HSIO22-25
HWM
2.5 Gbps
i226 MAC-PHY
SPI
Recovery
Flash
2x DDR5 SODIMM
ECC and non-ECC
2x DDR5 SODIMM
ECC and non-ECC
Embedded Controller
DMI
SMB
GP I2C
ECC support requires
R680 chipset use
PCIe
Gen3
#7
PCIe
Gen3
#19,#20
Block Diagram
Variants
Carrier
PART NO.
ARTICLE
CPU
CHIPSET
HCC02-1410-7E-3
COMh-ccAS i3-14100
i3-14100
Q670E
HCC02-1451-8E-5
COMh-ccAS i5-14501E
i5-14501E
R680E
HCC02-1471-8E-7
COMh-ccAS i7-14701E
i7-14701E
R680E
HCC02-1491-8E-9
COMh-ccAS i9-14901E
i9-14901E
R680E
Please contact tech support for custom UEFI firmware
ARTICLE
PART NO.
DESCRIPTION
COM-HPC CLIENT CARRIER 10MM
HCT01-0000-10-0
COM-HPC Client Carrier with 10mm Connector Height



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com