Electronic Components Datasheet Search
  English  ▼

X  

COMH-CCAS Datasheet(PDF) 1 Page - Kontron

Part # COMH-CCAS
Description  COM-HPC Client Size C module based on the 12th
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

COMH-CCAS Datasheet(HTML) 1 Page - Kontron

  COMH-CCAS Datasheet HTML 1Page - Kontron COMH-CCAS Datasheet HTML 2Page - Kontron COMH-CCAS Datasheet HTML 3Page - Kontron COMH-CCAS Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COM-HPC Client Size C module based on the 12th,
13th Gen and 14th Intel® Core™ S processors
* Up to 16 cores (TDP range: 35 W-65 W) & 24 threads
* Memory: Max 128 GByte DDR5 via 4x SODIMMs, ECC and non-ECC
* 16x PCIe Gen 5.0 lanes (for high performance CPUs) + 8x PCIe Gen 4.0 lanes +
6x PCIe Gen 3.0 lanes
* 3x DDI + 1x eDP
COMh-ccAS


Similar Part No. - COMH-CCAS

ManufacturerPart #DatasheetDescription
logo
Kontron
COMH-CAAP KONTRON-COMH-CAAP Datasheet
749Kb / 4P
COM HPC/Client module size A with 12th Generation
COMH-CARP KONTRON-COMH-CARP Datasheet
530Kb / 4P
COM HPC/Client module size A
COMH-CLIENT-CARRIER KONTRON-COMH-CLIENT-CARRIER Datasheet
656Kb / 2P
COM-HPC® Client Carrier
More results

Similar Description - COMH-CCAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN531 PHILIPS-PN531 Datasheet
454Kb / 19P
關C based Transmission module
February 2004
logo
STMicroelectronics
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
Amplifier based on the TS4990IQT
27-Apr-2012
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
Plethysmograph based on the TS507
28-Jan-2010
UM0897 STMICROELECTRONICS-UM0897 Datasheet
711Kb / 25P
Embedded Ethernet web client based on the STR91x
05-Jul-2010
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
Microcontroller Based on the ARM
logo
Advantech Co., Ltd.
SOM-C350 ADVANTECH-SOM-C350 Datasheet
460Kb / 2P
Intel® 12th Gen Core Processors (Code Name: Alder Lake S) COM-HPC® Client Size C Module
29-Jul-2022
SOM-DH3000 ADVANTECH-SOM-DH3000 Datasheet
310Kb / 2P
Development Board for COM-HPC Client Pinout Modules
7-Jun-2022
SOM-DH5000 ADVANTECH-SOM-DH5000 Datasheet
305Kb / 2P
Development Board for COM-HPC Server Pinout Modules
26-May-2022
SOM-E780 ADVANTECH-SOM-E780 Datasheet
4Mb / 6P
AMD EPYC™ 7003 Processor COM-HPC® Server Size E module with proprietary pinout
15-Jun-2022
logo
AAEON Technology
HPC-ADSC.HPC-RPSC AAEON-HPC-ADSC.HPC-RPSC Datasheet
530Kb / 2P
COM HPC Client Size C with 12th/13th Generation Intel® Core™ Platform
2023/04/19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com