Electronic Components Datasheet Search
  English  ▼

X  

DAC8565 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8565
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8565 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC8565 Datasheet HTML 24Page - Texas Instruments DAC8565 Datasheet HTML 25Page - Texas Instruments DAC8565 Datasheet HTML 26Page - Texas Instruments DAC8565 Datasheet HTML 27Page - Texas Instruments DAC8565 Datasheet HTML 28Page - Texas Instruments DAC8565 Datasheet HTML 29Page - Texas Instruments DAC8565 Datasheet HTML 30Page - Texas Instruments DAC8565 Datasheet HTML 31Page - Texas Instruments DAC8565 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
www.ti.com
INPUT SHIFT REGISTER
DAC8565
SBAS411A – JUNE 2007 – REVISED NOVEMBER 2007
DB21 = 0 and DB20 = 1: Single-channel update.
The
temporary
register
and
DAC
register
The input shift register (SR) of the DAC8565 is 24
corresponding to a DAC selected by DB18 and DB17
bits wide, as shown in Table 4. It consists of eight
are updated with the contents of SR data (or
control bits (DB23 to DB16) and 16 data bits (DB15
power-down).
to DB0). DB23 and DB22 should always be '0'. LD1
(DB21) and LD0 (DB20) control the updating of each
DB21 = 1 and DB20 = 0: Simultaneous update. A
analog output with the specified 16-bit data value or
channel selected by DB18 and DB17 updates with
power-down command. Bit DB19 must always be '0'.
the SR data; simultaneously, all the other channels
The DAC channel select bits (DB18, DB17) control
update with previously stored data (or power-down)
the destination of the data (or power-down command)
from temporary registers.
from DAC A to DAC D. The final control bit, PD0
DB21 = 1 and DB20 = 1: Broadcast update. If
(DB16),
selects
the
power-down
mode
of
the
DB18 = 0, then SR data are ignored and all channels
DAC8565 channels.
are
updated
with
previously
stored
data
(or
The DAC8565 also supports a number of different
power-down). If DB18 = 1, then SR data (or
load
commands.
The
load
commands
are
power-down) updates all channels. Refer to Table 5
summarized as follows:
for more information.
DB21 = 0 and DB20 = 0: Single-channel store. The
temporary register (data buffer) corresponding to a
DAC selected by DB18 and DB17 updates with the
contents of SR data (or power-down).
Table 4. DAC8565 Data Input Register Format
DB23
DB12
0
0
LD1
LD0
0
DAC Select 1
DAC Select 0
PD0
D15
D14
D13
D12
DB11
DB0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 5. Control Matrix for the DAC8565
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13-DB0
0
0
LD 1
LD 0
0
DAC Sel 1
DAC Sel 0
PD0
MSB
MSB-1
MSB-2...LSB
DESCRIPTION
0
0
0
0
0
0
Data
Write to buffer A with data
0
0
0
0
1
0
Data
Write to buffer B with data
0
0
0
1
0
0
Data
Write to buffer C with data
0
0
0
1
1
0
Data
Write to buffer D with data
Write to buffer (selected by DB17 and DB18) with
0
0
0
(00, 01, 10, or 11)
1
See Table 6
0
power-down command
Write to buffer with data and load DAC (selected by
0
1
0
(00, 01, 10, or 11)
0
Data
DB17 and DB18)
Write to buffer with power-down command and load
0
1
0
(00, 01, 10, or 11)
1
See Table 6
0
DAC (selected by DB17 and DB18)
Write to buffer with data (selected by DB17 and DB18)
1
0
0
(00, 01, 10, or 11)
0
Data
and then load all DACs simultaneously from their
corresponding buffers
Write to buffer with power-down command (selected by
1
0
0
(00, 01, 10, or 11)
1
See Table 6
0
DB17 and DB18) and then load all DACs
simultaneously from their corresponding buffers
Broadcast Modes
0
Simultaneously update all channels of DAC8555 with
X
X
1
1
0
X
X
X
data stored in each channels temporary register
X
X
1
1
0
1
X
0
Data
Write to all channels and load all DACs with SR data
Write to all channels and load all DACs with
X
X
1
1
0
1
X
1
See Table 6
0
power-down command in SR
28
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): DAC8565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com