Electronic Components Datasheet Search
  English  ▼

X  

IIS2DULPX Datasheet(PDF) 8 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 8 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 4Page - STMicroelectronics IIS2DULPX Datasheet HTML 5Page - STMicroelectronics IIS2DULPX Datasheet HTML 6Page - STMicroelectronics IIS2DULPX Datasheet HTML 7Page - STMicroelectronics IIS2DULPX Datasheet HTML 8Page - STMicroelectronics IIS2DULPX Datasheet HTML 9Page - STMicroelectronics IIS2DULPX Datasheet HTML 10Page - STMicroelectronics IIS2DULPX Datasheet HTML 11Page - STMicroelectronics IIS2DULPX Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
2.4
Communication interface characteristics
2.4.1
SPI - serial peripheral interface
Subject to general operating conditions for VDD and Top.
Table 6. SPI target timing values
Symbol
Parameter
Value(1)
Unit
Min
Typ
Max
fc(SPC)
SPI clock frequency
10
MHz
tc(SPC)
SPI clock period
100
ns
thigh(SPC)
SPI clock high
45
tlow(SPC)
SPI clock low
45
tsu(CS)
CS setup time (mode 3)
5
CS setup time (mode 0)
20
th(CS)
CS hold time (mode 3)
20
CS hold time (mode 0)
20
tsu(SI)
SDI input setup time
7
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
25
tdis(SO)
SDO output disable time
50
Cload
Bus capacitance
100
pF
1. Values are evaluated at 10 MHz clock frequency for SPI with both 4 and 3 wires, based on characterization results, not
tested in production
Figure 3. SPI target timing in mode 0
CS
SPC
SDI
SDO
MSB OUT
MSB IN
LSB OUT
LSB IN
t
t
t
tlow(SPC)
v(SO)
tc(SPC)
thigh(SPC)
tsu(CS)
th(SI)
tsu(SI)
dis(SO)
h(CS)
IIS2DULPX
Mechanical and electrical specifications
DS14580 - Rev 1
page 8/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com