Electronic Components Datasheet Search
  English  ▼

X  

IIS2DULPX Datasheet(PDF) 1 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 1 Page - STMicroelectronics

  IIS2DULPX Datasheet HTML 1Page - STMicroelectronics IIS2DULPX Datasheet HTML 2Page - STMicroelectronics IIS2DULPX Datasheet HTML 3Page - STMicroelectronics IIS2DULPX Datasheet HTML 4Page - STMicroelectronics IIS2DULPX Datasheet HTML 5Page - STMicroelectronics IIS2DULPX Datasheet HTML 6Page - STMicroelectronics IIS2DULPX Datasheet HTML 7Page - STMicroelectronics IIS2DULPX Datasheet HTML 8Page - STMicroelectronics IIS2DULPX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
Features
•
3-axis accelerometer with digital output
•
±2g/±4g/±8g/±16g programmable full-scale
•
Output data rate from 1.6 Hz to 800 Hz; bandwidth up to 400 Hz
•
High-speed I²C/SPI/MIPI I3C® digital output interface
•
Ultralow supply current and low noise (down to 220 μg/√Hz)
•
Four operating modes
–
High-performance (HP) mode with antialiasing filter: 9.3 μA
–
Low-power (LP) mode with antialiasing filter: 6.5 μA
–
Ultralow-power (ULP) mode: 3 μA
–
One-shot mode
•
Embedded machine learning core (MLC)
•
Programmable finite state machine (FSM)
•
Adaptive self-configuration (ASC) based on the sensor processing output (FSM / MLC)
•
Embedded digital functions (free-fall, wake-up, single/double/triple-tap recognition,
activity/inactivity, 6D/4D orientation, advanced pedometer, step detector, and step
counter, significant motion detection, tilt detection)
•
Embedded FIFO: up to 128 samples of accelerometer and temperature data (or analog
hub / Qvar) or 256 samples of accelerometer data at low resolution
•
External clock input to allow perfect synchronization with multiple sensors or with a
controller
•
Integrated analog hub / Qvar sensing channel
•
Embedded temperature sensor
•
Extended operating temperature range from -40 to +105°C
•
Supply voltage range from 1.62 V to 3.6 V
•
Independent I/O supply (1.62 V to 3.6 V) for I²C and SPI interfaces
•
Independent I/O supply (extended range: 1.08 V to 3.6 V) for MIPI I3C® interface
•
Small package: 2.0 x 2.0 x 0.74 (max) mm LGA 12-lead
•
10000 g high shock survivability
•
ECOPACK and RoHS compliant
Applications
•
Industrial IoT and factory automation
•
Asset tracking
•
Portable healthcare devices and hearing aids
•
Antitampering devices
•
Wireless sensor nodes
•
Appliances and robotics
•
Motion-activated functions
Description
The IIS2DULPX is an intelligent, digital 3-axis linear accelerometer whose MEMS
and ASIC have been expressly designed to combine the lowest supply current
possible with features such as always-on antialiasing filtering, a finite state machine
(FSM) and machine learning core (MLC) with adaptive self-configuration (ASC), and
an analog hub / Qvar sensing channel.
Product status link
IIS2DULPX
Product summary
Order code
IIS2DULPXTR
Temperature
range [°C]
-40 to +105
Package
LGA-12L
Packing
Tape and reel
Product resources
AN6059 (device application note)
AN6125 (finite state machine)
AN6126 (machine learning core)
AN5755 (Qvar sensing)
TN0018 (design and soldering)
Product label
Intelligent ultralow-power accelerometer for industrial applications
IIS2DULPX
Datasheet
DS14580 - Rev 1 - January 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - IIS2DULPX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
IIS2DHTR STMICROELECTRONICS-IIS2DHTR Datasheet
1Mb / 49P
Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
182Kb / 4P
Motion MEMS and microphone MEMS expansion board for STM32 Nucleo
11-Nov-2019
IIS2DLPCTR STMICROELECTRONICS-IIS2DLPCTR Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
More results

Similar Description - IIS2DULPX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6375 STMICROELECTRONICS-L6375 Datasheet
84Kb / 12P
0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
Feb-2000
logo
Infineon Technologies A...
ITS711L1 INFINEON-ITS711L1_10 Datasheet
1Mb / 18P
For Industrial Applications
Rev. 1.3, 2010-03-16
logo
VTI technologies
SCA3060-D01 VTI-SCA3060-D01 Datasheet
242Kb / 4P
DIGITAL LOW POWER ACCELEROMETER FOR AUTOMOTIVE APPLICATIONS
logo
International Rectifier
IRAM630-1562F IRF-IRAM630-1562F Datasheet
617Kb / 19P
Intelligent Power Module for Energy Efficient Compressor Applications
logo
STMicroelectronics
IIS328DQ STMICROELECTRONICS-IIS328DQ Datasheet
839Kb / 40P
High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
AIS25BA STMICROELECTRONICS-AIS25BA Datasheet
1Mb / 31P
Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
16-Aug-2024
logo
Advantech Co., Ltd.
PCL-M10 ADVANTECH-PCL-M10 Datasheet
388Kb / 1P
Industrial Accelerometer
14-Jul-2021
logo
STMicroelectronics
LIS2DUX12 STMICROELECTRONICS-LIS2DUX12 Datasheet
2Mb / 102P
Ultralow-power accelerometer with AI & anti-aliasing
09-Nov-2022
LIS2DUXS12 STMICROELECTRONICS-LIS2DUXS12 Datasheet
3Mb / 104P
Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
09-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com