Electronic Components Datasheet Search
  English  ▼

X  

COMH-SDIL Datasheet(PDF) 4 Page - Kontron

Part # COMH-SDIL
Description  COM-HPC®/Server Size D small with Intel® Xeon® D-1700
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

COMH-SDIL Datasheet(HTML) 4 Page - Kontron

  COMH-SDIL Datasheet HTML 1Page - Kontron COMH-SDIL Datasheet HTML 2Page - Kontron COMH-SDIL Datasheet HTML 3Page - Kontron COMH-SDIL Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Your Contact
JUMPtec GmbH
Brunnwiesenstraße 16
94469 Deggendorf, Germany
Tel.: + 49 991 37024-0
contact@jumptec.de
www.jumptec.com
COMh-sdIL (E2)
Carrier
Cooling
ARTICLE
PART NO.
DESCRIPTION
COM-HPC/SERVER
EVAL-CARRIER
HST01-0001-10-0
Evaluation Carrier with 10-mm stack-up connector
ARTICLE
PART NO.
DESCRIPTION
COMh-sdIL (E2) HSP
THREADED
HSD04-0000-99-0
COMh-sdIL (E2) heatspreader threaded
COMh-sdIL (E2) HSP
THROUGH HOLE
HSD04-0000-99-1
COMh-sdIL (E2) heatspreader through hole
COMh SIZE D ACTIVE UNI
COOLER (W/O HSP)
HSD99-0000-99-0
COM-HPC Size D Universal Active Cooler for Heatspreader Mounting
(160 x 100 x 46 mm)
COMh SIZE D PASSIVE UNI
COOLER (W/O HSP)
HSD99-0000-99-1
COM-HPC Size D Universal Passive Cooler for Heatspreader Mounting
(160 x 100 x 46 mm)
Variants
PART NO.
CPU
1/2.5 GbE
MEMORY
SOC-LAN
LEK
NVMe
OP. TEMPERATURE
HSD04-6400-46-1
D-1746TER
i226-IT
64 GByte ECC
4x 25G-KR
7.6
no
-40 °C to +85 °C
HSD04-3200-32-1
D-1732TE
i226-IT
32 GByte ECC
5x 10G-KR
7.6
no
-40 °C to +85 °C
HSD04-1600-15-1
D-1715TER
i226-IT
16 GByte ECC
5x 10G-KR
7.6
no
-40 °C to +85 °C
Please contact your sales representative for other CPU versions or LAN configurations
Please contact tech support for custom UEFI firmware



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com