Electronic Components Datasheet Search
  English  ▼

X  

COMH-SDIL Datasheet(PDF) 2 Page - Kontron

Part # COMH-SDIL
Description  COM-HPC®/Server Size D small with Intel® Xeon® D-1700
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

COMH-SDIL Datasheet(HTML) 2 Page - Kontron

  COMH-SDIL Datasheet HTML 1Page - Kontron COMH-SDIL Datasheet HTML 2Page - Kontron COMH-SDIL Datasheet HTML 3Page - Kontron COMH-SDIL Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.jumptec.com
COMh-sdIL (E2)
Technical Information
COMPLIANCE
COM-HPC®/Server, Size D small
DIMENSIONS
120 mm x 160 mm
CPU (SoC)
Intel Xeon® D-1700 /D-1800 Processor Series
For details see table “CPU variants” given below
CHIPSET
-
MAIN MEMORY
Up to 64GB DDR4-2667 soldered memory - ECC, extended temp
ETHERNET CONTROLLER
Intel® I226-LM/IT
Intel® 2x Quad 25GbE LAN integrated in SoC
ETHERNET
1x 1/2.5 Gb Ethernet
8x Ethernet ports supporting versatile configurations:
100GbE/2x 50GbE/4x 25GbE/2x 25GbE + 4x 10GbE/8x 10GbE
STORAGE
2x SATA 6Gb/s
FLASH ONBOARD
Up to 1 TByte NVMe SSD (on request)
PCI EXPRESS®
16x PCIe Gen4 (1 x16, 2 x8, 4 x4)
16x PCIe Gen3 (2 x8, 4 x4, 8 x2)
USB
4x USB 3.0 / USB 2.0
SERIAL
2x serial interface (RX/TX only)
OTHER FEATURES
SPI, eSPI, SMB, Staged Watchdog, RTC
SPECIAL FEATURES
TPM 2.0
FEATURES ON REQUEST
NVMe SSD, 1x PCIe for BMC instead of USB3.0 #3
POWER MANAGEMENT
ACPI 6.0
POWER SUPPLY
12V DC
BIOS
AMI UEFI
OPERATING SYSTEM
Linux, Windows 10/11, Windows Server 2022
TEMPERATURE
Commercial temperature: 0 °C to +60 °C operating, -30 °C to +85 °C non-operating
Industrial temperature: -40 °C to +85 °C operating, -40 °C to +85 °C non-operating
HUMIDITY
93 % relative Humidity at 40 °C, non-condensing (according to IEC 60068-2-78)
SUPPORTED MODULES
COMh-sdIL xxxxx commercial grade
COMh-sdIL (E2) xxxxx industrial grade
CPU Variants
CPU
STD FOR
COMh-sdIL
GROUP
TDP
NO. OF
CORES
IOTG
Ex-
tend.
Temp
DDR4 Freq
(MT/s)
BASE
FREQ
(GHZ)
ALL/
MAX
TURBO
(GHZ)
LAN
BAND-
WIDTH
(GBE)
QAT
BAND-
WIDTH
(GBE)
D-1746TER
standard
NIC
67/56
10
Yes
Yes
2667
2.0
2.5/3.1
100G
OFF
D-1848TER
on request
NIC
57
10
Yes
Yes
2667
2,0
2,5/3,1
100G
OFF
D-1749NT
on request
QAT
90
10
No
No
2667
3.0
3.5/3.5
100G
20G
D-1748TE
on request
NIC
65
10
No
Yes
2400
2.3
2.8/3.4
50G
OFF
D-1747NTE
on request
QAT
80
10
No
Yes
2933
2.5
3.0/3.5
100G
20G
D-1844NT
on request
QAT
55
10
No
No
2667
2,0
2,6/3,1
50G
20G
D-1735TR
on request
NIC
59
8
Yes
No
2933
2.2
2.7/3.4
50G
OFF
D-1732TE
standard
NIC
52
8
Yes
Yes
2667
1.9
2.4/3.0
50G
OFF
D-1734NT
on request
QAT
50
8
No
No
2667
2.0
2.5/3.1
50G
20G
D-1736NT
on request
QAT
67
8
No
No
2667
2.7
3.2/3.5
50G
20G
D-1733NT
on request
QAT
53
8
No
No
2400
2.0
2.5/3.1
50G
20G
D-1823NT
on request
QAT
55
6
No
No
2400
2,8
3,3/3,5
50G
10G
D-1715TER
standard
NIC
50
4
Yes
Yes
2667
2.4
2.9/3.5
50G
OFF
D-1712TR
on request
NIC
40
4
Yes
No
2400
2.0
2.5/3.1
50G
OFF
D-1718T
on request
NIC
46
4
No
No
2933
2.6
3.1/3.5
50G
OFF
D-1713NT
on request
QAT
45
4
No
No
2400
2.2
2.9/3.5
50G
10G
D-1713NTE
on request
QAT
45
4
No
Yes
2400
2.2
2.7/3.3
50G
10G
D-1813NT
on request
QAT
42
4
No
No
2400
2,2
2,4/2,4
50G
10G
D-1846
on request
No LAN
55
10
No
No
2933
2,0
2,6/3,1
0G
OFF
D-1739
on request
No LAN
83
8
No
No
2933
3.0
3.5/3.5
0G
OFF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com