Electronic Components Datasheet Search
  English  ▼

X  

SM5022 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5022
Description  Crystal Oscillator Module ICs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5022 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5022 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SM5022 series
SEIKO NPC CORPORATION —5
Electrical Characteristics
3V operation: A
×A series
VDD = 2.7 to 3.6V, VSS = 0V, Ta = − 20 to + 80°C unless otherwise noted.
5V operation: A
×A, B×A series
VDD = 4.5 to 5.5V, VSS = 0V, Ta = − 20 to + 80°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.7V, IOH = 4mA
2.1
2.4
–
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 2.7V, IOL = 4mA
–
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
2.0
–
–
V
LOW-level input voltage
VIL
INHN
–
–
0.5
V
Output leakage current
IZ
Q: Measurement cct 2, VDD = 3.6V, INHN = LOW, VOH = VDD
––
10
µA
Q: Measurement cct 2, VDD = 3.6V, INHN = LOW, VOL = VSS
––
10
Current consumption
IDD
30MHz crystal oscillator, measurement cct 3, load cct 1,
INHN = open, CL = 15pF
–47
mA
INHN pull-up resistance
RUP
Measurement cct 4
25
100
250
k
Ω
Feedback resistance
Rf
Measurement cct 5
200
600
1000
k
Ω
Built-in capacitance
CG
Design value. A monitor pattern
on a wafer is tested.
SM5022A1AH, CF5022A1A
SM5022A3AH, CF5022A3A
SM5022A5AH, CF5022A5A
SM5022A7AH, CF5022A7A
7.44
8
8.56
pF
CD
9.3
10
10.7
pF
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 4.5V, IOH = 8mA
3.9
4.2
–
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 4.5V, IOL = 8mA
–
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
2.0
–
–
V
LOW-level input voltage
VIL
INHN
–
–
0.8
V
Output leakage current
IZ
Q: Measurement cct 2, VDD = 5.5V, INHN = LOW, VOH = VDD
––
10
µA
Q: Measurement cct 2, VDD = 5.5V, INHN = LOW, VOL = VSS
––
10
Current consumption
IDD
30MHz crystal oscillator,
measurement cct 3, load cct 1,
INHN = open, CL = 15pF
SM5022A
×AH, CF5022A×A–
7
12
mA
30MHz crystal oscillator,
measurement cct 3, load cct 2,
INHN = open, CL = 15pF
SM5022B
×AH, CF5022B×A–
7
12
INHN pull-up resistance
RUP
Measurement cct 4
25
100
250
k
Ω
Feedback resistance
Rf
Measurement cct 5
200
600
1000
k
Ω
Built-in capacitance
CG
Design value. A monitor pattern
on a wafer is tested.
SM5022A1AH, CF5022A1A
SM5022A3AH, CF5022A3A
SM5022A5AH, CF5022A5A
SM5022A7AH, CF5022A7A
SM5022B1AH, CF5022B1A
7.44
8
8.56
pF
CD
9.3
10
10.7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com