Electronic Components Datasheet Search
  English  ▼

X  

SM5022 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5022
Description  Crystal Oscillator Module ICs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5022 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5022 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SM5022 series
SEIKO NPC CORPORATION —1
Crystal Oscillator Module ICs
OVERVIEW
The SM5022 series are crystal oscillator module ICs fabricated in NPC’s Molybdenum-gate CMOS, that
incorporate high-frequency, low current consumption oscillator and output buffer circuits. Feedback resistors
and high-frequency capacitors are built-in, eliminating the need for external components to make a stable fun-
damental oscillator.
FEATURES
I
Up to 30MHz operating frequency range
(fundamental oscillation)
I
Oscillator capacitors CG, CD built-in
(excluding A2A, A4A)
I
Inverter amplifier feedback resistor built-in
I
TTL input level
I
Output drive capability
• 4mA (VDD = 2.7V)
• 8mA (VDD = 4.5V)
I
Output three-state function
I
Operating supply voltage range
• 2.7 to 5.5V (A
×A series)
• 4.5 to 5.5V (B
×A series)
I
fO, fO/2, fO/4, fO/8 output frequency, determined
by internal connection
I
6-pin SOT (SM5022
××AH)
I
Chip form (CF5022
××A)
SERIES CONFIGURATION
ORDERING INFORMATION
Version*1
*1. Chip form devices have designation CF5022
××.
Operating supply
voltage range [V]
Recommended
operating frequency
range*2 [MHz]
*2. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscilla-
tor frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the
oscillation characteristics of components must be carefully evaluated.
Built-in
capacitance
[pF]
gm
ratio
Rf
[k
Ω]
Output
frequency
Output
level
Standby mode
Chip
SOT
3V
operation
5V
operation
CG
CD
Oscillator
stop
function
Output
state
SM5022A1AH
2.7 to 5.5
2.7 to 5.5
4 to 24
4 to 30
810
1
600
fo
CMOS
Yes
Hi-Z
SM5022A2AH
–
–
fo
SM5022A3AH
4 to 30
8
10
fo/2
SM5022A4AH
–
–
fo/2
SM5022A5AH
8
10
fo/4
SM5022A7AH
8
10
fo/8
SM5022B1AH
4.5 to 5.5
4.5 to 5.5
×
4 to 30
8
10
1
600
fo
TTL
Yes
Hi-Z
Device
Package
SM5022
××AH
SOT23-6
CF5022
××A–2
Chip form


Similar Part No. - SM5022

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
SM5022A1H NPC-SM5022A1H Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
SM5022A2H NPC-SM5022A2H Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
SM5022A3H NPC-SM5022A3H Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
SM5022A4H NPC-SM5022A4H Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
More results

Similar Description - SM5022

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com