Electronic Components Datasheet Search
  English  ▼

X  

SM5956AF Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5956AF
Description  6-channel Asynchronous Sample Rate Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5956AF Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5956AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SM5956A
SEIKO NPC CORPORATION —4
14
DEEMN
I
Deemphasis select
OFF
ON
15
FS0
I
Deemphasis frequency select 0
See “Sample Rate Conversion”
16
FS1
I
Deemphasis frequency select 1
17
MCK
Is
MCU interface clock input
−−
18
MDT
Is
MCU interface data input
−−
19
MLE
Is
MCU interface latch enable input
−−
20
DMUTEN
Id
Direct mute select
Output
Mute
21
THROUN
Id
Through-mode select
SRC
Through
22
SLAVEN
Id
Slave-mode select
Master
Slave
23
OEDITON
Id
DIT output enable select
L
Output
24
VSS
−
Ground (0V)
−−
25
VDD
−
VDD supply (3.3V)
−−
26
DITO
O
Digital audio interface output
−−
27
OMOD1
I
Output format select 1
See “Output Interface Settings”
28
OMOD0
I
Output format select 0
29
OWL1
I
Output word length select 1
30
OWL0
I
Output word length select 0
31
DOC
O
Data output C
−−
32
DOB
O
Data output B
−−
33
DOA
O
Data output A
−−
34
BCKO
I/O
Bit clock input/output (48fso/64fso)
−−
35
LRCO
I/O
Sample rate clock input/output (fso)
−−
36
VSS
−
Ground (0V)
−−
37
VDD
−
VDD supply (3.3V)
−−
38
TEST0
Id
Test input
Test
Normal
39
TEST1
Id
Test input
Test
Normal
40
TEST2
Id
Test input
Test
Normal
41
TEST3
Id
Test input
Test
Normal
42
SCK
I
Output-system clock input (512fso/768fso)
−−
43
VSS
−
Ground (0V)
−−
44
SCKSLN
Id
Output-system clock select
768fso
512fso
45
ERROR
O
Input error detector output
−−
46
RSTN
Id
Reset input
−
Reset
47
SELFN
Id
Reset mode select
External
Automatic
48
VSS
−
Ground (0V)
−−
1. I = input, O = output, Id = input with pull-down, Is = Schmitt input,
− = supply
No.
Name
I/O1
Function
HIGH
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com