Electronic Components Datasheet Search
  English  ▼

X  

SM8134AB Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM8134AB
Description  White LED Driver IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8134AB Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM8134AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SM8134A
SEIKO NPC CORPORATION —6
VOUT EFFICIENCY
Efficiency of PIN vs. POUT
Backlight LED
× 4pcs, ILED1 to 4 = 20mA,
Flash LED
× 1pc, ILED5 = 0mA,
IOUT = 80mA
Efficiency of PIN vs. POUT
Backlight LED
× 3pcs, ILED1 to 4 = 16mA,
Flash LED
× 1pc, ILED5 = 0mA,
IOUT = 48mA
50
60
70
80
90
100
VIN [V]
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
VF = 3.2V
VF = 3.4V
VF = 3.6V
VF=3.8V
50
60
70
80
90
100
VIN [V]
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
VF = 3.2V
VF = 3.4V
VF = 3.6V
VF=3.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com