Electronic Components Datasheet Search
  English  ▼

X  

SM8134AB Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM8134AB
Description  White LED Driver IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8134AB Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM8134AB Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 17Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 18Page - Nippon Precision Circuits Inc SM8134AB Datasheet HTML 19Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
SM8134A
SEIKO NPC CORPORATION —16
Example 3. Set LED1 to LED4 to 30mA drive, and then change LED 1 to LED4 to12mA
drive and set LED5 to 150mA drive
Input “2FH” (LED1 to 4 current setting 30mA) and “58H” (LED1 to 4 ON) using the serial interface. LED1 to
LED4 turn ON after the soft start ends. Then input “26H” (LED1 to 4 current setting 12mA), the current of
LED1 to LED4 change to 12mA. Moreover input “4FH” (LED5 current setting 150mA) and “5AH” (LED1 to
5 ON), LED5 turns ON in addition to LED1 to LED4. The total current of LED1 to LED5 should be set not
exceeding 200mA.
Example 3 input waveform
EN
0
0
1
0
1
111
0
1
0
1
100
0
LED1 to 4
Soft start time
30mA
Set LED1 to 4 current 30mA
LED1 to 4 ON
SCK
SDA
2F
58
LED5
0
0
1
0
011
0
Set LED1 to 4 current 12mA
26
0
1
0
0
1111
Set LED5 current 150mA
4F
0
1
0
1
1010
LED1 to 5 ON
5A
Soft start time
150mA
12mA
EN = High
Send serial data "2FH"
2: DIN1 to 4 dimming command
F: Dimming data (30mA)
EN = Low
EN = High
Send serial data "58H"
5: LED ON command
8: LED1 to 4 ON
EN = Low
EN = High
Send serial data "26H"
2: DIN1 to 4 dimming command
6: Dimming data (12mA)
EN = Low
EN = High
Send serial data "4FH"
4: DIN5 dimming command
F: Dimming data (150mA)
EN = Low
EN = High
Send serial data "5AH"
5: LED ON command
A: LED1 to 4 ON, LED5 ON
EN = Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com