Electronic Components Datasheet Search
  English  ▼

X  

INA950A1MPWTSEP Datasheet(PDF) 4 Page - Texas Instruments

Part # INA950A1MPWTSEP
Description  INA950-SEP 2.7V to 80V, 1.1MHz, Ultra-Precise, Current-Sense Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA950A1MPWTSEP Datasheet(HTML) 4 Page - Texas Instruments

  INA950A1MPWTSEP Datasheet HTML 1Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 2Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 3Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 4Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 5Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 6Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 7Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 8Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4 Pin Configuration and Functions
GND
IN-
IN+
N.C.
Figure 4-1. INA950-SEP: PW Package 8-Pin TSSOP Top View
Table 4-1. Pin Functions: INA950-SEP
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
1
Ground
Ground
IN–
2
Input
Connect to load side of shunt resistor.
IN+
3
Input
Connect to supply side of shunt resistor.
N.C.
4,6,7
-
No internal connection.
OUT
8
Output
Output voltage
VS
5
Power
Power supply
INA950-SEP
SBOSAK8 – MARCH 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA950-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com