Electronic Components Datasheet Search
  English  ▼

X  

INA950A1MPWTSEP Datasheet(PDF) 10 Page - Texas Instruments

Part # INA950A1MPWTSEP
Description  INA950-SEP 2.7V to 80V, 1.1MHz, Ultra-Precise, Current-Sense Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA950A1MPWTSEP Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA950A1MPWTSEP Datasheet HTML 6Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 7Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 8Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 9Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 10Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 11Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 12Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 13Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
5.6 Typical Characteristics (continued)
All specifications at TA = 25°C, VS = 5V, VSENSE = VIN+ – VIN– = 0.5V / Gain, and VCM = VIN– = 48V (unless otherwise noted).
Time (1 s/div)
Figure 5-19. Input-Referred Noise
Output Voltage (V)
0
2.5
5
175
200
225
250
275
300
325
350
375
400
VS = 5V
VS = 2.7V
Figure 5-20. Quiescent Current vs. Output Voltage
Temperature ( C)
-75
-50
-25
0
25
50
75
100
125
150
175
300
325
350
375
400
425
VS = 5V
VS = 2.7V
Figure 5-21. Quiescent Current vs. Temperature
Supply Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
300
325
350
375
400
425
25qC
125qC
-40qC
Figure 5-22. Quiescent Current vs. Supply Voltage
Common-Mode Voltage (V)
-55
-35
-15
5
25
45
65
85
105
125
300
325
350
375
400
425
VS = 5V
VS = 2.7V
Figure 5-23. Quiescent Current vs. Common-Mode Voltage
Time (5 Ps/div)
0V
Supply Voltage
Output Voltage
VSENSE = 0mV
Figure 5-24. Start-Up Response
INA950-SEP
SBOSAK8 – MARCH 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA950-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com