Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT11 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT11
Description  SN74ACT11-Q1 Automotive Triple 3-Input AND Gates
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT11 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ACT11 Datasheet HTML 1Page - Texas Instruments SN74ACT11 Datasheet HTML 2Page - Texas Instruments SN74ACT11 Datasheet HTML 3Page - Texas Instruments SN74ACT11 Datasheet HTML 4Page - Texas Instruments SN74ACT11 Datasheet HTML 5Page - Texas Instruments SN74ACT11 Datasheet HTML 6Page - Texas Instruments SN74ACT11 Datasheet HTML 7Page - Texas Instruments SN74ACT11 Datasheet HTML 8Page - Texas Instruments SN74ACT11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted); typical at TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
VOH
IOH = -50µA
4.5V
4.4
4.499
V
5.5V
5.4
5.499
IOH = -24mA
4.5V
3.7
4.16
IOH = -24mA
5.5V
4.7
5.18
IOH = -75mA(1)
5.5V
3.85
VOL
IOH = 50µA
4.5V
0.001
0.1
V
5.5V
0.001
0.1
IOH = 24mA
4.5V
0.16
0.5
IOH = 24mA
5.5V
0.14
0.5
IOH = 75mA(1)
5.5V
1.65
II
VI = 5.5V or GND
0V to 5.5V
±0.03
±1
µA
ICC
VI = VCC or GND, IO = 0
5.5V
0.08
1
µA
ΔICC
VI = VCC – 2.1V; Any Input
4.5V to 5.5V
100
µA
CI
VI = VCC or GND
5V
2
pF
CPD
CL = 50pF, F = 1MHz
5V
20
pF
(1)
Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
5.6 Switching Characteristics
CL = 50 pF; over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted). See
Parameter Measurement Information
PARAME
TER
FROM (INPUT)
TO (OUTPUT)
LOAD
CAPACITANCE
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
tPLH
A, B, or C
Y
CL = 50pF
5V
5
8
ns
tPHL
A, B, or C
Y
CL = 50pF
5V
5.2
7.8
ns
tr
Y
CL = 50pF
5V
2.8
4.7
ns
tf
5V
2.6
4.1
ns
www.ti.com
SN74ACT11-Q1
SCASE76 – FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com