Electronic Components Datasheet Search
  English  ▼

X  

TPCP8501 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCP8501
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8501 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCP8501 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8501 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8501 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8501 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8501 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TPCP8501
2006-11-13
4
rth – tw
Pulse width tw (s)
1000
0.1
0.0001
1000
0.001
0.01
0.1
10
100
10
100
Curves should be applied in thermal limited area.
Single nonrepetitive pulse Ta
= 25°C
Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area: 645 mm
2)
*: Single nonrepetitive pulse
Ta
= 25°C
Note that the curves for 100 ms,
10 s and DC operation will be
different when the devices aren’t
mounted on an FR4 board (glass
epoxy, 1.6 mm thick, Cu area:
645 mm
2).
These characteristic curves must
be derated linearly with increase
in temperature.
1 ms*
10 ms*
100 μs*
IC max (Pulsed)*
DC operation
Ta = 25°C
IC max (Continuous)*
10 s*
100 ms*
1
1
Collector
−emitter voltage VCE (V)
Safe operating area
0.001
0.1
0.01
0.1
1
10
1
100
10
1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com