Electronic Components Datasheet Search
  English  ▼

X  

C7021 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # C7021
Description  Designed for front-illuminated CCD area image sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7021 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  C7021 Datasheet HTML 1Page - Hamamatsu Corporation C7021 Datasheet HTML 2Page - Hamamatsu Corporation C7021 Datasheet HTML 3Page - Hamamatsu Corporation C7021 Datasheet HTML 4Page - Hamamatsu Corporation C7021 Datasheet HTML 5Page - Hamamatsu Corporation C7021 Datasheet HTML 6Page - Hamamatsu Corporation C7021 Datasheet HTML 7Page - Hamamatsu Corporation C7021 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CCD multichannel detector head
C7020, C7021, C7025
V-ch1
V-ch2
V-ch(M)
H-ch1
H-ch2
Start
CLK
P1V
P2V
P1H
P2H
SG
RG
Clamp
EOS
Trigger
Data Video
M=68, 132, 260 N=532, 1044
V-ch1--V-ch2, V-ch (M-3)--V-ch (M): ISOLATION PIXELS
H-ch1--H-ch4, H-ch (N-3)--H-ch (N): BLANK PIXELS
H-ch5--H-ch10, H-ch (N-9)--H-ch (N-4): ISOLATION PIXELS
TG
g(
)
KACCC0074EB
H-ch(N)
H-ch(N-9)
H-ch(N-10)
H-ch11
H-ch10
s Block diagram of C7021, C7025
s Timing chart
LED
TH.H
P+
P-
TH+
TEMPERATURE CONTROLLER *
TIMING
GENERATOR
D. GND
A. GND
CLK
Start
Trigger
EOS
TE-COOLER
VDD
CCD AREA IMAGE SENSOR
S7011/S7015 SERIES
BUFFER
LOW-PASS
FILTER
Data Video
PRE-AMP
DRIVER
REGULATOR
VEE
CLAMP
OD
RD
OG
IG1H, IG2H
IG1V, IG2V
P1V, P2V, TG
P1H, P2H
SG
RG
SS, ISV, ISH
OS
TH-
Mode Select
Vp (+5V)
P. GND
VD2 (+5V)
D. GND
VF (+12V)
F. GND
Temp Monitor
INVERTER
Cooling Control
VD1 (+5V)
VA1+ (+15V)
VA1- (-15V)
VA2 (+24V)
CCC
* C7020 does not include the temperature controller and TE-cooler.
KACCC0073EB
4
KACCC0074EB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com