Electronic Components Datasheet Search
  English  ▼

X  

C7021 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # C7021
Description  Designed for front-illuminated CCD area image sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7021 Datasheet(HTML) 7 Page - Hamamatsu Corporation

  C7021 Datasheet HTML 1Page - Hamamatsu Corporation C7021 Datasheet HTML 2Page - Hamamatsu Corporation C7021 Datasheet HTML 3Page - Hamamatsu Corporation C7021 Datasheet HTML 4Page - Hamamatsu Corporation C7021 Datasheet HTML 5Page - Hamamatsu Corporation C7021 Datasheet HTML 6Page - Hamamatsu Corporation C7021 Datasheet HTML 7Page - Hamamatsu Corporation C7021 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CCD multichannel detector head
C7020, C7021, C7025
7
s Connection example
POWER SUPPLY VF (+12V)
F.GND
VP (+5V)
P.GND
VD2 (+5V)
D.GND
CONTROLLER Cooling Control
D.GND
TE CONTROLLER
POWER SUPPLY
I/O SIGNAL
VD1 (+5V)
D.GND
VA1+ (+15V)
VA1- (-15V)
VA2 (+24V)
A.GND
PULSE GENERATOR
CLK
D.GND
Start
D.GND
CONTROLLER
Mode Select
D.GND
S/H or A/D
Analog Input
A.GND
S/H Input
D.GND
OSCILLOSCOPE
CH1
GND
Ext.Trig
GND
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
KACCC0076EC
Multichannel detector head controller C7557
When connected to a HAMAMATSU multichannel detector head and a personal computer, C7557 allows easy control of the
detector head and data acquisition by using dedicated software that comes with the unit.
s
s
s
s
s Accessories
· SCSI terminator
· Fuse (2.5 A)
·
Detector head connection cables
·
AC cable
·
Software (Compatible OS: Windows 98/ME *)
·
Operation manual
* This software may be run on Windows 2000/NT/XP with a simple task. For information on how to do this, please consult with
our sales office.
Suitable multichannel detector head
C7020/-02, C7021/-02, C7025/-02,
C7040, C7041, C7043, C7044, C7180,
C7181, C8061-01, C8062-01, C10150, C10151



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com