Electronic Components Datasheet Search
  English  ▼

X  

DG40A12TCFS Datasheet(PDF) 7 Page - StarPower Europe AG

Part # DG40A12TCFS
Description  1200V/40A IGBT with Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

DG40A12TCFS Datasheet(HTML) 7 Page - StarPower Europe AG

Back Button DG40A12TCFS Datasheet HTML 3Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 4Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 5Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 6Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 7Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 8Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 9Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 10Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 11Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DG40A12TCFS
IGBT Discrete
©2023 STARPOWER Semiconductor Ltd.
8/4/2023
7/12
B01
Fig 9. Switching Energy Loss vs. RG
Fig 10. Switching Energy Loss vs. Tvj
Fig 11. Switching Energy Loss vs. VCE
Fig 12. IGBT Gate Charge vs. VGE
0
2
4
6
8
0
17
34
51
68
85
R
G [Ω]
Eon
Eoff
Erec
V
CC=600V
I
C=40A
V
GE=±15V
T
vj=175
oC
0
1
2
3
4
5
25
50
75
100
125
150
175
T
vj [
oC]
Eon
Eoff
Erec
V
CC=600V
I
C=40A
R
G=8.2Ω
V
GE=±15V
1
3
5
7
600
650
700
750
800
V
CE [V]
Eon
Eoff
Erec
I
C=40A
R
G=8.2Ω
V
GE=±15V
T
vj=175
oC
-15
-10
-5
0
5
10
15
0
0.1
0.2
0.3
0.4
Q
G [uC]
V
CC=600V
I
C=40A
V
CC=600V
I
C=40A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com