Electronic Components Datasheet Search
  English  ▼

X  

DG40A12TCFS Datasheet(PDF) 9 Page - StarPower Europe AG

Part # DG40A12TCFS
Description  1200V/40A IGBT with Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

DG40A12TCFS Datasheet(HTML) 9 Page - StarPower Europe AG

Back Button DG40A12TCFS Datasheet HTML 4Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 5Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 6Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 7Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 8Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 9Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 10Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 11Page - StarPower Europe AG DG40A12TCFS Datasheet HTML 12Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DG40A12TCFS
IGBT Discrete
©2023 STARPOWER Semiconductor Ltd.
8/4/2023
9/12
B01
Fig 17. Reverse Recovery Time vs. diF/dt
Fig 18. Reverse Recovery Charge vs. diF/dt
Fig 19. Reverse Recovery Current vs. diF/dt
Fig 20. Reverse Energy Losses vs. diF/dt
250
275
300
325
350
375
200
300
400
500
600
di
F/dt [A/us]
Tvj=175℃
V
R=600V
I
F=40A
4
4.1
4.2
4.3
4.4
200
300
400
500
600
di
F/dt [A/us]
Tvj=175℃
V
R=600V
I
F=40A
17
19
21
23
25
27
29
200
300
400
500
600
di
F/dt [A/us]
Tvj=175℃
1.1
1.2
1.3
1.4
1.5
200
300
400
500
600
di
F/dt [A/us]
Tvj=175℃
V
R=600V
I
F=40A
V
R=600V
I
F=40A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com