Electronic Components Datasheet Search
  English  ▼

X  

C5331-13 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C5331-13
Description  Operates an APD with single 5 V supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5331-13 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C5331-13 Datasheet HTML 1Page - Hamamatsu Corporation C5331-13 Datasheet HTML 2Page - Hamamatsu Corporation C5331-13 Datasheet HTML 3Page - Hamamatsu Corporation C5331-13 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Applications
l APD evaluation
l Spatial light transmission
l Bar code readers
l Laser radars
l Optical rangefinders
l Optical communications
MODULE
APD module
Operates an APD with single 5 V supply
C5331 series
l Choice of high sensitivity APDs
A total of 11 types are available, including 6 types of 800 nm band APDs with
active areas from
φ0.2 to φ5 mm, 3 types of short-wavelength APDs with active
areas from
φ1 to φ5 mm, and FC connector types.
l High sensitivity detection board optimized for APD evaluation
An APD and high-speed current-to-voltage amplifier circuit are mounted on a
compact board. The high-speed current-to-voltage amplifier circuit features a
low-noise configuration ideal for the APD signal readout and operates at high
speeds yet with high sensitivity.
l Easy handling
Single 5 V supply operation
l Built-in temperature-compensated bias voltage circuit
Controls the bias voltage with a thermosensor to keep the APD gain constant.
Gain is stabilized to as low as ±2.5 % Typ. at ambient temperatures of 25 ±10 ˚C.
Ripple noise usually inherent to high voltage power supplies is also minimized.
l Compact and lightweight
The circuit board is no larger than business card size, and weighs only 52 g.
l Low price
l Custom devices available with different dimensions and specifications
s Selection guide
Type No.
Active area
(mm)
Frequency bandwidth
-3 dB
(Hz)
Type of APD
Peak sensitivity
wavelength
(nm)
C5331
C5331-30 *
1
φ1.5
C5331-01
C5331-31 *
2
φ0.2
C5331-02
φ0.5
C5331-03
φ1.0
4 k to 100 M
C5331-04
φ3.0
4 k to 80 M
C5331-05
φ5.0
4 k to 50 M
Standard type
800
C5331-11
φ1.0
4 k to 100 M
C5331-12
φ3.0
4 k to 40 M
C5331-13
φ5.0
4 k to 20 M
Short-wavelength type
620
*1: C5331 + FC connector
*2: C5331-01 + FC connector with lens
(compatible with GI 50/125 fiber)
Note: Gain is preset to 30 prior to shipping.
HIGH VOLTAGE GENERATOR
+200 V
+5 V
+5 V
BNC CONNECTOR
TEMPERATURE MONITOR
APD
HIGH-SPEED CURRENT-TO-VOLTAGE CIRCUIT
VOLTAGE CONTROLLER
KACCC0013EA
s
s
s
s
s Block diagram
1


Similar Part No. - C5331-13

ManufacturerPart #DatasheetDescription
logo
Powerbox
C533 POWERBOX-C533 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Fairchild Semiconductor
C5338D FAIRCHILD-C5338D Datasheet
95Kb / 8P
High Voltage Power Switch Switching Application
logo
Toshiba Semiconductor
C5339 TOSHIBA-C5339 Datasheet
230Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
20-Jul-1999
More results

Similar Description - C5331-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL712CP TI1-TL712CP_14 Datasheet
946Kb / 17P
Operates From a Single 5-V Supply
logo
Hamamatsu Corporation
C12702 HAMAMATSU-C12702_15 Datasheet
1Mb / 5P
Operates an APD with single 5 V supply (Standard type, Short-wavelengh type)
logo
Intersil Corporation
ISL33334E INTERSIL-ISL33334E Datasheet
820Kb / 23P
Operates from a single 3.3V supply
October 21, 2016
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
Operates from single 5V supply
logo
STMicroelectronics
STLVDS9637 STMICROELECTRONICS-STLVDS9637 Datasheet
210Kb / 10P
OPERATES WITH A SINGLE 3.3V SUPPLY
Sep-2003
logo
Maxim Integrated Produc...
MAX14880EVKIT MAXIM-MAX14880EVKIT Datasheet
577Kb / 8P
Operates from a Single 3.3V Supply
Rev 0; 5/17
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
Operates from a Single 5V Supply
Rev 2; 12/18
MAX149X1EVKIT MAXIM-MAX149X1EVKIT Datasheet
2Mb / 9P
Operates From a Single 3.3V Supply
Rev 1; 7/16
MAX14882EVKIT MAXIM-MAX14882EVKIT Datasheet
673Kb / 7P
Operates from a Single 3.3V Supply
Rev 0; 5/18
MAX14851EVKIT MAXIM-MAX14851EVKIT Datasheet
758Kb / 8P
Operates from a Single Supply
Rev 0; 11/17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com