Electronic Components Datasheet Search
  English  ▼

X  

C5331-13 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C5331-13
Description  Operates an APD with single 5 V supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5331-13 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C5331-13 Datasheet HTML 1Page - Hamamatsu Corporation C5331-13 Datasheet HTML 2Page - Hamamatsu Corporation C5331-13 Datasheet HTML 3Page - Hamamatsu Corporation C5331-13 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APD module
C5331 series
s General ratings / Absolute maximum ratings
Absolute maximum ratings
Supply voltage
Current
consumption
Active
area
Min.
Typ.
Max.
Typ.
Max.
Board
dimension
Output
im pedance
Weight Supply
voltage
M a ximum
Incident
light lev el
O perating
tem perature
Topr
Storage
tem perature
Tstg
Type No.
(mm)
(V)
(V)
(V)
(mA)
(mA)
(mm)
(
Ω)
(g)
(V)
(mW)
(°C)
(°C)
C5331
C5331-30
φ1.5
C5331-01
C5331-31
φ0.2
C5331-02
φ0.5
C5331-03
φ1.0
C5331-04
φ3.0
C5331-05
φ5.0
C5331-11
φ1.0
C5331-12
φ3.0
C5331-13
φ5.0
+4.75
+5
+5.25
+50
+80
80 × 50 × 23
50
52
+7
10
0 to +60 -20 to +70
s Electrical and optical characteristics (Typ. Ta=25 °C, Vcc=5 V, unless otherwise noted)
Photoelectric converter section (APD)
Photo sensitivity
S
Temperature stability of gain *3
25 °C ± 10 °C, Gain=30
Spectral
response range
λ
Peak sensitivity
wavelength
λp
λ=800 nm, Gain=1
λ=620 nm, Gain=1
Typ.
Max.
Type No.
(nm)
(nm)
(A/W)
(A/W)
(%)
(%)
C5331
C5331-30
C5331-01
C5331-31
C5331-02
C5331-03
C5331-04
C5331-05
400 to 1000
800
0.5
-
C5331-11
C5331-12
C5331-13
200 to 1000
620
-
0.42
±2.5
±5
High-speed amplifier section
Cut-off frequency
-3 dB
NEP
High band
Low band
λ=800 nm
λ=620 nm
Feedback
resistance
Photoelectric sensitivity *3
including APD, gain=30
Type No.
Min.
(MHz)
Typ.
(MHz)
Min.
(kHz)
Typ.
(kHz)
Typ.
(pW/Hz
1/2)
Max.
(pW/Hz
1/2)
Typ.
(pW/Hz
1/2)
Max.
(pW/Hz
1/2) (kΩ)
Min.
(10
4V/W)
Typ.
(10
4V/W)
Max.
(10
4V/W)
C5331
-
-
C5331-30
90
100
0.3
0.6
-
-
6.2
-4.3
-4.5
-4.7
C5331-01
-
-
C5331-31
90
100
0.3
0.6
-
-
10
-7.1
-7.5
-7.9
C5331-02
90
100
0.3
0.6
-
-
10
-7.1
-7.5
-7.9
C5331-03
90
100
0.3
0.6
-
-
9.1
-6.4
-6.75
-7.1
C5331-04
70
80
0.4
0.8
-
-
3.0
-2.1
-2.3
-2.4
C5331-05
40
50
0.7
1.4
-
-
1.1
-0.7
-0.75
-0.79
C5331-11
90
100
-
-
0.5
1.0
3.9
-2.3
-2.46
-2.7
C5331-12
30
40
-
-
1.3
2.6
2.0
-1.1
-1.26
-1.4
C5331-13
10
20
3
4
-
-
1.7
3.4
1.1
-0.65
-0.69
-0.75
*3: Gain is preset to 30 prior to shipping.
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com