Electronic Components Datasheet Search
  English  ▼

X  

MP3429GL Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3429GL
Description  21A High Efficiency Fully-Integrated Synchronous Boost Converter EV Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429GL Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3429GL Datasheet HTML 1Page - Monolithic Power Systems MP3429GL Datasheet HTML 2Page - Monolithic Power Systems MP3429GL Datasheet HTML 3Page - Monolithic Power Systems MP3429GL Datasheet HTML 4Page - Monolithic Power Systems MP3429GL Datasheet HTML 5Page - Monolithic Power Systems MP3429GL Datasheet HTML 6Page - Monolithic Power Systems MP3429GL Datasheet HTML 7Page - Monolithic Power Systems MP3429GL Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EV3429-L-00A, 21A High Efficiency Fully-Integrated Synchronous Boost Converter EVB
EV3429-L-00A Rev.1.0
www.MonolithicPower.com
2
2/8/2017
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
VIN
VOUT
22uF
C1A
22nF
C4
0.1uF
C5
4.7uF
C3
750k
R1
93.1k
R2
6.8k
R3
6.8nF
C6
22uF
C2A
30k
R4
NS
R5
22uF
C1B
22uF
C1C
22uF
C2B
22uF
C2C
0.1uF
C2D
2.7V~8.4V
9V@3.5A
MP3429
VDD
SS
COMP
FB
OUT
FTY
MODE
EN
VIN
U1
1.5uH
L1
1
2
3
J1
20k
R7
130k
R6
EV3429-L-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
6
C1A, C1B,
C1C, C2A,
C2B, C2C
22μF
Ceramic Cap,25V,X5R
1210
MuRata
GRM32ER61E226KE15L
2
C2D,C5
0.1uF
Ceramic Cap,25V,X7R
0603
MuRata
GRM188R71E104KA01D
1
C3
4.7uF
Ceramic Cap,6.3V,X5R
0603
MuRata
GRM188R71J475KA01D
1
C4
22nF
Ceramic Cap,16V,X7R
0603
MuRata
GRM188R71C223KA01D
1
C6
6.8nF
Ceramic Cap,50V,X7R
0603
MuRata
GRM188R71H682KA01D
1
R1
750K
Film Res,1%
0603
ROYAL
RL0603FR-07750KL
1
R2
93.1K
Film Res,1%
0603
ROYAL
RL0603FR-0793K1L
1
R3
6.8K
Film Res,1%
0603
ROYAL
RL0603FR-076K8L
1
R4
30K
Film Res,1%
0603
ROYAL
RL0603FR-0730KL
0
R5
NC
1
R6
130K
Film Res,1%
0603
ROYAL
RL0603FR-07130KL
1
R7
20K
Film Res,1%
0603
ROYAL
RL0603FR-0720KL
1
L1
1.5uH
IRMS=19A, RDC=3.3mΩ
11.5x10mm
Sumida
104CDMCCDS-1R5MC-
ND
1
J1
Jumper
Short Jumper, 2.54mm
Jumper
1
U1
MP3429
Boost converter
QFN
3X4mm
MPS
MP3429GL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com