Electronic Components Datasheet Search
  English  ▼

X  

MP3429GL Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3429GL
Description  21A High Efficiency Fully-Integrated Synchronous Boost Converter EV Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429GL Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP3429GL Datasheet HTML 1Page - Monolithic Power Systems MP3429GL Datasheet HTML 2Page - Monolithic Power Systems MP3429GL Datasheet HTML 3Page - Monolithic Power Systems MP3429GL Datasheet HTML 4Page - Monolithic Power Systems MP3429GL Datasheet HTML 5Page - Monolithic Power Systems MP3429GL Datasheet HTML 6Page - Monolithic Power Systems MP3429GL Datasheet HTML 7Page - Monolithic Power Systems MP3429GL Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EV3429-L-00A, 21A High Efficiency Fully-Integrated Synchronous Boost Converter EVB
EV3429-L-00A Rev.1.0
www.MonolithicPower.com
6
2/8/2017
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EVB TEST RESULTS (continued)
VIN = 3.3V, VOUT= 9V, L=1.5μH, IOUT= 3.5A, PSM, TA = 25°C, unless otherwise noted.
Load Transient 
IOUT=0A—1.75A, IRAMP=25mA/µs, USM
Load Transient 
IOUT=3.5A—1.75A, IRAMP=25mA/µs
CH1:
VOUT/AC
500mV/div.
CH4: IOUT
2A/div.
CH1:
VOUT/AC
500mV/div.
CH4: IOUT
2A/div.
400µs/div.
400µs/div.
Load Transient 
IOUT=0A—1.75A, IRAMP=25mA/µs, PSM
Load Transient 
IOUT=0A—1.75A, IRAMP=25mA/µs, FCCM
CH1:
VOUT/AC
500mV/div.
CH4: ILOAD
2A/div.
CH1:
VOUT/AC
500mV/div.
CH4: ILOAD
2A/div.
400µs/div.
400µs/div.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com