Electronic Components Datasheet Search
  English  ▼

X  

MPQ4570 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ4570
Description  3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4570 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ4570 Datasheet HTML 1Page - Monolithic Power Systems MPQ4570 Datasheet HTML 2Page - Monolithic Power Systems MPQ4570 Datasheet HTML 3Page - Monolithic Power Systems MPQ4570 Datasheet HTML 4Page - Monolithic Power Systems MPQ4570 Datasheet HTML 5Page - Monolithic Power Systems MPQ4570 Datasheet HTML 6Page - Monolithic Power Systems MPQ4570 Datasheet HTML 7Page - Monolithic Power Systems MPQ4570 Datasheet HTML 8Page - Monolithic Power Systems MPQ4570 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MPQ4570
– 3A, 55V, SYNCHRONOUS STEP DOWN CONVERTER
MPQ4570 Rev. 1.05
www.MonolithicPower.com
3
4/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MPQ4570GF*
TSSOP-20 EP
See Below
MPQ4570GF-AEC1
TSSOP-20 EP
See Below
* For Tape & Reel, add suffix
–Z (e.g. MPQ4570GF–Z);
TOP MARKING
MP4570: product code of MPQ4570GF and MPQ4570GF-AEC1;
MPS: MPS prefix:
YY: year code;
WW: week code:
LLLLLLLLL: lot number;
PACKAGE REFERENCE
2
6
7
8
VDD
PG
VIN
VIN
EN
SW
GND
GND
COMP
FREQ
FB
BST
NC
9
VIN
SW
NC
GND
BIAS
SS
AGND
1
20
3
4
5
19
18
17
16
15
14
13
12
11
10
TSSOP-20 EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com