Electronic Components Datasheet Search
  English  ▼

X  

MPQ4570 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4570
Description  3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4570 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4570 Datasheet HTML 1Page - Monolithic Power Systems MPQ4570 Datasheet HTML 2Page - Monolithic Power Systems MPQ4570 Datasheet HTML 3Page - Monolithic Power Systems MPQ4570 Datasheet HTML 4Page - Monolithic Power Systems MPQ4570 Datasheet HTML 5Page - Monolithic Power Systems MPQ4570 Datasheet HTML 6Page - Monolithic Power Systems MPQ4570 Datasheet HTML 7Page - Monolithic Power Systems MPQ4570 Datasheet HTML 8Page - Monolithic Power Systems MPQ4570 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MPQ4570
3A, 4.5V-55V Input, Frequency Programmable,
Fully Integrated Synchronous, Step-Down Converter
AEC-Q100 Qualified
MPQ4570 Rev. 1.05
www.MonolithicPower.com
1
4/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
DESCRIPTION
The MPQ4570 is a frequency programmable
step-down switching converter with integrated
internal high-side and low side power MOSFETs.
It can provide 3A continuous output current with
peak current control for excellent transient
response and efficiency performance.
The wide 4.5V to 55V input voltage range
accommodates
a
variety
of
step
down
applications,
including
those
applications
in
industrial, PoE, automotive and printer with DC
high voltage bus.
The MPQ4570 uses peak current mode control to
regulate the output voltage. The chip provides
over current protection with valley current
detection which is used to avoid current running
way. Also it has accurate and reliable over
voltage protection, and auto recovery thermal
protection. In addition, the optional external soft
start is available. Enable and power good
indication function can be used to power track
easily. In order to increase the efficiency,
MPQ4570 will automatically scaling down the
switching
frequency
when
load
is
light.
Meanwhile, the low side MOSFET will be turned
off to reduce driver loss when zero inductor
current is detected. MPQ4570 also features as
a fully integrated solution with both high side
and low side power MOSFETs. Synchronous
operation
mode
with
integrated
low
side
MOSFET
is
much
helpful
to
reduce
the
conduction loss and also beneficial to reduce
external components space and save the cost.
The MPQ4570 is available in a TSSOP-20 EP
with exposed pad package.
FEATURES
 Wide Input Voltage Range: 4.5V to 55V
 90mΩ and 70mΩ Internal High and Low
Power MOSFETs
 Peak Current Mode Control
 Programmable Switching Frequency
 Stable Independent on Output Capacitors
 Optional External Soft Start
 OCP Protection with Valley Current
Detection
 Support External SYNC Clock
 OVP Protection
 Current Limit Decreasing during Output
Short for Better Thermal Performance
 Power Good Indication
 Thermal Shutdown Protection
 Available in a TSSOP-20 EP Package.
 Available in AEC-Q100 Grade 1
APPLICATIONS
 PoE Input Non-isolated Buck
 Industrial Power Systems
 Printers and Scanners
 Automotive Power Systems
 Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The
Future of Analog IC
Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.


Similar Part No. - MPQ4570

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4570 MPS-MPQ4570 Datasheet
690Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4570GF MPS-MPQ4570GF Datasheet
690Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4570GF-AEC1 MPS-MPQ4570GF-AEC1 Datasheet
690Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
More results

Similar Description - MPQ4570

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4558 MPS-MPQ4558 Datasheet
527Kb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4558-AEC1 MPS-MPQ4558-AEC1 Datasheet
1Mb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4570 MPS-MPQ4570 Datasheet
690Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
MP4570 MPS-MP4570 Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4575 MPS-MP4575 Datasheet
1Mb / 22P
5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
MPQ3425-AEC1 MPS-MPQ3425-AEC1 Datasheet
808Kb / 13P
3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
MPQ3425 MPS-MPQ3425 Datasheet
1Mb / 28P
3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
Rev. 1.1 7/6/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com