Electronic Components Datasheet Search
  English  ▼

X  

MPQ4570GF Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ4570GF
Description  3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4570GF Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ4570GF Datasheet HTML 1Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 2Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 3Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 4Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 5Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 6Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 7Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 8Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MPQ4570
– 3A, 55V, SYNCHRONOUS STEP DOWN CONVERTER
MPQ4570 Rev. 1.05
www.MonolithicPower.com
2
4/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL APPLICATION
OFF ON
VIN
EN
SS VDD GND
FB
BST
SW
C1
L1
C3
C4
C5
R1
C2
R2
MPQ4570
FREQ
COMP
R3
R4
C6
PG
VDD
R5
BIAS
5V_EX or NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com