Electronic Components Datasheet Search
  English  ▼

X  

MPQ4570GF Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPQ4570GF
Description  3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4570GF Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MPQ4570GF Datasheet HTML 3Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 4Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 5Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 6Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 7Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 8Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 9Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 10Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
MPQ4570
– 3A, 55V, SYNCHRONOUS STEP DOWN CONVERTER
MPQ4570 Rev. 1.05
www.MonolithicPower.com
7
4/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
COMP
Compensation Networks Setting. Please connect an external resistor series with a
capacitor between this pin and GND.
2
FB
Feedback. This is the input to the PWM comparator. Please put an external resistive
divider connected between the output and GND.
3
FREQ
Switching frequency setting pin. Connect a resistor from this pin to GND to set the
switching frequency. If external SYNC clock is applied to this pin, the converter will
follow this SYNC clock frequency.
4
EN
Enable Input. Pulling this pin below the specified threshold shuts the chip down.
There is no internal pull-up or pull-down circuit, so do not float the pin.
5
BST
Bootstrap. This is the positive power supply for the internal floating high-side
MOSFET driver. Connect a capacitor between this pin and SW pin.
6,7,8
VIN
Input Supply. This supplies power to all the internal control circuitry, VDD regulator. A
decoupling capacitor to ground must be placed close to this pin to minimize switching
spikes.
9,12
NC
Not connected pin. Please float this pin in the application.
10,11
SW
Switch Node. This is the output node from the internal high-side MOSFET source.
13,14,
15, Exposed
Pad
GND
Power ground pin for internal power MOSFETs.
16
VDD
Power for internal MOSFET driver and BST charging circuit.
17
BIAS
For better thermal performance, please connect this pin to external 5V source, VDD
and internal circuit will be powered by BIAS. Since there is a diode inside between
the BIAS pin and the internal circuit, please float this pin or connected to GND if not
used.
18
PG
Power good indication. Please connect a resistor to a pull up power source if used.
19
SS
Optional external soft-start time setting. Connect an external capacitor between this
pin and GND to set soft-start time externally. Floating the pin will activate the internal
0.5ms soft-start setting.
20
ANGD
Ground for internal logic and signal circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com