Electronic Components Datasheet Search
  English  ▼

X  

C7021 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C7021
Description  Multichannel detector head controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7021 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C7021 Datasheet HTML 1Page - Hamamatsu Corporation C7021 Datasheet HTML 2Page - Hamamatsu Corporation C7021 Datasheet HTML 3Page - Hamamatsu Corporation C7021 Datasheet HTML 4Page - Hamamatsu Corporation C7021 Datasheet HTML 5Page - Hamamatsu Corporation C7021 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Multichannel detector head controller
C7557
s Functions
Parameter
Specification
Data transfer
Transfers data stored in memory to computer.
Exposure time setting
1 ms to 65535 ms (1 ms steps)
Minimum exposure time depends on sensor detection level.
External sync signal input
BNC connector input
Trigger mode
Internal sync, external sync
Trigger polarity
Trigger polarity selectable for external sync
Shutter timing pulse output
Outputs timing signal for operating external shutter or external light source via BNC connector.
Pulse width, delay and polarity settings are possible.
Video signal output
Outputs video signal sent from head, via BNC connector.
Video sync signal output
Outputs sync signal used to observe video signal output with external device such as
oscilloscope, via BNC connector.
Amplifier gain
1/2, 1, 2, 5, 10, 20, 50, 100
Detector head
Number of detector channels
Refer to sSELECTION GUIDE FOR IMAGE SENSOR AND DETECTOR HEAD COMBINATION
Detector cooling control
Cooling start and stop
Detector cooling temperature readout
Converts analog temperature data from detector into digital signal, and transfers it to computer
(10 bit A/D conversion)
s Specifications
q AD converter
Parameter
CCD area image sensor
InGaAs linear image sensor
AD converter
16 bits
12 bits
16 bits
Conversion speed
4 µs/ch
2 µs/ch
8 µs/ch
Input range
0 to 10 V
-10 to +10 V
Input method
Differential input
Nonlinear linearity
0.1 %FS
AD conversion signal
External input
q Controller
Parameter
Specification
Clock
20 MHz
Memory
4 MB (1024 ch × 2048 lines)
Interface
SCSI
q Equipment
Parameter
Specification
Interface
SCSI: 50-pin half pitch connector
Power supply
AC100 to 240 V ± 10 %, 50 to 60 Hz
Power consumption
33 W Max.
Outline dimension
92 (W)
× 150 (H) × 225.8 (D) mm
Operating temperature
0 to 40 °C
Storage temperature
-10 to 50 °C
Weight
Approx. 2.9 kg
q SCSI interface
SCSI boards manufactured by Adaptec, especially types below, are recommended.
PCI bus: AHA-2940AU, 2940U2W, 2940UW, SCSI CARD 2930U, 19160, PCMCIA: APA-1460A, 1480
q Software
Parameter
Specification
Compatible OS *3
Windows95, Windows98, Windows ME
*3: This software may be run on Windows 2000, NT or XP with a simple task. For information on how to do this, please consult with our sales office.
q Others
BNC cable is separately required when making measurements by external sync, controlling an external shutter or external light source, or
measuring the video signal with an external device.
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com