Electronic Components Datasheet Search
  English  ▼

X  

GD400HTX120P6H Datasheet(PDF) 6 Page - StarPower Europe AG

Part # GD400HTX120P6H
Description  1200V/400A 6 in one-package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD400HTX120P6H Datasheet(HTML) 6 Page - StarPower Europe AG

Back Button GD400HTX120P6H Datasheet HTML 2Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 3Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 4Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 5Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 6Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 7Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 8Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 9Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 10Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
GD400HTX120P6H
IGBT Module
©2023 STARPOWER Semiconductor Ltd.
3/17/2023
6/10
B04
Fig 1. IGBT Output Characteristics
Fig 2. IGBT Output Characteristics
Fig 3. IGBT Transfer Characteristics
Fig 4. IGBT Switching Loss vs. IC
0
100
200
300
400
500
600
0
0.5
1
1.5
2
2.5
3
V
CE [V]
Tj=25℃
Tj=125℃
Tj=150℃
V
GE=15V
0
100
200
300
400
500
600
0
1
2
3
4
5
V
CE [V]
VGE=8V
VGE=10V
VGE=12V
VGE=15V
VGE=20V
T
j=150
oC
0
100
200
300
400
500
600
5
6
7
8
9
10
11
12
V
GE [V]
Tj=25℃
Tj=125℃
Tj=150℃
V
CE=20V
0
30
60
90
120
150
0
100
200
300
400
500
600
I
C [A]
Eon Tj=125℃
Eoff Tj=125℃
Eon Tj=150℃
Eoff Tj=150℃
V
CC=600V
R
G=2.2Ω
V
GE=-8/+15V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com