Electronic Components Datasheet Search
  English  ▼

X  

GD400HTX120P6H Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD400HTX120P6H
Description  1200V/400A 6 in one-package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD400HTX120P6H Datasheet(HTML) 1 Page - StarPower Europe AG

  GD400HTX120P6H Datasheet HTML 1Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 2Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 3Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 4Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 5Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 6Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 7Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 8Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GD400HTX120P6H
IGBT Module
©2023 STARPOWER Semiconductor Ltd.
3/17/2023
1/10
B04
STARPOWER
SEMICONDUCTOR
IGBT
GD400HTX120P6H
1200V/400A 6 in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
hybrid and electric vehicle.
Features
Low VCE(sat) Trench IGBT technology
Low switching losses
6μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175oC
Low inductance case
Fast & soft reverse recovery anti-parallel FWD
Isolated copper pinfin baseplate using Si3N4AMB technology
Typical Applications
Automotive application
Hybrid and electric vehicle
Inverter for motor drive
Equivalent Circuit Schematic


Similar Part No. - GD400HTX120P6H

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD400HTX75P7H STARPOWER-GD400HTX75P7H Datasheet
622Kb / 9P
750V/400A 6 in one-package
5/19/2023
More results

Similar Description - GD400HTX120P6H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6MBI50UA-120 ETC-6MBI50UA-120 Datasheet
119Kb / 5P
1200V / 50A 6 in one-package
logo
Fuji Electric
1MBI400S-120 FUJI-1MBI400S-120 Datasheet
365Kb / 4P
1200V / 400A 1 in one-package IGBT Module
6MBP25TEA120 FUJI-6MBP25TEA120 Datasheet
304Kb / 8P
1200V / 25A 6 in one-package
6MBP75TEA120 FUJI-6MBP75TEA120 Datasheet
313Kb / 8P
Econo IPM series 1200V / 75A 6 in one-package
6MBI100UC-120 FUJI-6MBI100UC-120 Datasheet
128Kb / 5P
1200V / 100A 6 in one-package
6MBP25RJ120 FUJI-6MBP25RJ120 Datasheet
315Kb / 8P
1200V / 25A 6 in one-package
6MBP50RJ120 FUJI-6MBP50RJ120 Datasheet
303Kb / 8P
1200V / 50A 6 in one-package
1MBI400HH-120L-50 FUJI-1MBI400HH-120L-50 Datasheet
502Kb / 7P
IGBT MODULE 1200V / 400A / 1 in one package
1MBI400V-120-50 FUJI-1MBI400V-120-50 Datasheet
459Kb / 7P
IGBT MODULE (V series) 1200V / 400A / 1 in one package
2MBI400VD-120-50 FUJI-2MBI400VD-120-50 Datasheet
422Kb / 6P
IGBT MODULE (V series) 1200V / 400A / 2 in one package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com