Electronic Components Datasheet Search
  English  ▼

X  

GD400HTX75P7H Datasheet(PDF) 3 Page - StarPower Europe AG

Part # GD400HTX75P7H
Description  750V/400A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD400HTX75P7H Datasheet(HTML) 3 Page - StarPower Europe AG

  GD400HTX75P7H Datasheet HTML 1Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 2Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 3Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 4Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 5Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 6Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 7Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 8Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GD400HTX75P7H
IGBT Module
©2023 STARPOWER Semiconductor Ltd.
5/19/2023
3/9
A05
IGBT Characteristics T
F=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Collector to Emitter
Saturation Voltage
IC=400A,VGE=15V,
Tvj=25
oC
1.40
1.85
V
IC=400A,VGE=15V,
Tvj=150
oC
1.65
IC=400A,VGE=15V,
Tvj=175
oC
1.70
VGE(th)
Gate-Emitter Threshold
Voltage
IC=6.40mA,VCE=VGE,
Tvj=25
oC
5.1
5.8
6.5
V
ICES
Collector Cut-Off
Current
VCE=VCES,VGE=0V,
Tvj=25
oC
1.0
mA
IGES
Gate-Emitter Leakage
Current
VGE=VGES,VCE=0V,
Tvj=25
oC
400
nA
RGint
Internal Gate Resistance
1.0
Ω
Cies
Input Capacitance
VCE=25V,f=100kHz,
VGE=0V
28.2
nF
Cres
Reverse Transfer
Capacitance
1.04
nF
QG
Gate Charge
VGE=-15…+15V
2.64
μC
td(on)
Turn-On Delay Time
VCC=400V,IC=400A,
RG=2.0Ω,VGE=±15V,
Tvj=25
oC
195
ns
tr
Rise Time
60
ns
td(off)
Turn-Off Delay Time
326
ns
tf
Fall Time
116
ns
Eon
Turn-On Switching
Loss
8.66
mJ
Eoff
Turn-Off Switching
Loss
16.8
mJ
td(on)
Turn-On Delay Time
VCC=400V,IC=400A,
RG=2.0Ω,VGE=±15V,
Tvj=150
oC
203
ns
tr
Rise Time
64
ns
td(off)
Turn-Off Delay Time
378
ns
tf
Fall Time
189
ns
Eon
Turn-On Switching
Loss
14.3
mJ
Eoff
Turn-Off Switching
Loss
22.2
mJ
td(on)
Turn-On Delay Time
VCC=400V,IC=400A,
RG=2.0Ω,VGE=±15V,
Tvj=175
oC
206
ns
tr
Rise Time
66
ns
td(off)
Turn-Off Delay Time
387
ns
tf
Fall Time
203
ns
Eon
Turn-On Switching
Loss
15.7
mJ
Eoff
Turn-Off Switching
Loss
23.7
mJ
ISC
SC Data
tP≤6μs,VGE=15V,
Tvj=175
oC,VCC=450V,
VCEM≤750V
1700
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com