Electronic Components Datasheet Search
  English  ▼

X  

GD400HTX75P7H Datasheet(PDF) 4 Page - StarPower Europe AG

Part # GD400HTX75P7H
Description  750V/400A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD400HTX75P7H Datasheet(HTML) 4 Page - StarPower Europe AG

  GD400HTX75P7H Datasheet HTML 1Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 2Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 3Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 4Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 5Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 6Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 7Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 8Page - StarPower Europe AG GD400HTX75P7H Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GD400HTX75P7H
IGBT Module
©2023 STARPOWER Semiconductor Ltd.
5/19/2023
4/9
A05
Diode Characteristics T
F=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=400A,VGE=0V,Tvj=25
oC
1.55
2.00
V
IF=400A,VGE=0V,Tvj=150
oC
1.50
IF=400A,VGE=0V,Tvj=175
oC
1.50
Qr
Recovered Charge
VR=400V,IF=400A,
-di/dt=6120A/μs,VGE=-15V
Tvj=25
oC
7.90
μC
IRM
Peak Reverse
Recovery Current
192
A
Erec
Reverse Recovery
Energy
3.66
mJ
Qr
Recovered Charge
VR=400V,IF=400A,
-di/dt=5450A/μs,VGE=-15V
Tvj=150
oC
20.1
μC
IRM
Peak Reverse
Recovery Current
240
A
Erec
Reverse Recovery
Energy
7.10
mJ
Qr
Recovered Charge
VR=400V,IF=400A,
-di/dt=5270A/μs,VGE=-15V
Tvj=175
oC
24.2
μC
IRM
Peak Reverse
Recovery Current
258
A
Erec
Reverse Recovery
Energy
8.16
mJ
NTC Characteristics T
F=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
R25
Rated Resistance
5.0
kΩ
∆R/R
Deviation of R100
TC=100
oC,R100=493.3Ω
-5
5
%
P25
Power
Dissipation
20.0
mW
B25/50
B-value
R2=R25exp[B25/50(1/T2-
1/(298.15K))]
3375
K
B25/80
B-value
R2=R25exp[B25/80(1/T2-
1/(298.15K))]
3411
K
B25/100
B-value
R2=R25exp[B25/100(1/T2-
1/(298.15K))]
3433
K
Module Characteristics T
F=25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Unit
∆P
Pressure Drop Cooling Circuit
∆V/∆t=10.0dm3/min;TF=25
oC;
Cooling Fluid=50%Water/50%Ethylene Glycol
50
mbar
P
Maximum Pressure In Cooling Circuit
2.0
bar
RthJF
Junction-to-Cooling Fluid (per IGBT)
Junction-to-Cooling Fluid (per Diode)
0.207
0.291
K/W
M
Terminal Connection Torque, Screw M6
Mounting Torque, Screw M5
3.0
3.0
6.0
6.0
N.m
G
Weight of Module
685
g



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com