Electronic Components Datasheet Search
  English  ▼

X  

TPD2005F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPD2005F
Description  Low-Side Power Switch Array (8 Channels) for Motors, Solenoids, and Lamp Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2005F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPD2005F Datasheet HTML 1Page - Toshiba Semiconductor TPD2005F Datasheet HTML 2Page - Toshiba Semiconductor TPD2005F Datasheet HTML 3Page - Toshiba Semiconductor TPD2005F Datasheet HTML 4Page - Toshiba Semiconductor TPD2005F Datasheet HTML 5Page - Toshiba Semiconductor TPD2005F Datasheet HTML 6Page - Toshiba Semiconductor TPD2005F Datasheet HTML 7Page - Toshiba Semiconductor TPD2005F Datasheet HTML 8Page - Toshiba Semiconductor TPD2005F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TPD2005F
2006-10-31
5
Electrical Characteristics
(Unless otherwise specified, VDD = 8 ~ 40V, Tj = 25°C)
Characteristic
Symbol
Test
Cir-
cuit
Test Condition
Min
Typ.
Max
Unit
Operating supply voltage
VDD
―
―
8
―
40
V
Supply current
IDD
―
VDD = 40 V, VIN = 0 V
―
―
5
mA
“L” level
VIL
―
―
―
1.5
Input voltage
“H” level
VIH
―
3.5
―
―
V
IIL
―
VDD = 24 V, VIN = 0 V
−10
―
10
Input current
IIH
―
VDD = 24 V, VIN = 5V
―
50
200
μA
On resistance
RDS (ON)
―
VDD = 12 V, IO = 0.5 A
―
0.9
1.2
Ω
Output leakage current
IOL
―
VDD = 40 V, VIN = 0 V
―
―
100
μA
Overcurrent protection
IS
―
―
1
―
3
A
TSD
―
―
―
160
―
Thermal shutdown
ΔTSD
―
―
―
10
―
°C
tON
―
11
200
Switching time
tOFF
1
VDD = 12 V, RL = 24Ω
―
4
50
μs
Description of Protector Circuit
(1) Overtemperature Protection
There are four built-in overheating detector circuits, one each for channels 1 and 2; channels 3 and 4;
channels 5 and 6; and channels 7 and 8, respectively. The circuit logic is such that, when any of the four
detectors detects overheating, the circuit turns off the output of both its channels(for example, both
channels 1 and 2).
The overheating detector circuits feature hysteresis. After overheating is detected, normal operation is
restored only when the junction temperature falls by the hysteresis amount (10°C typ.) in relation to the
overheating detection temperature.
(2) Overcurrent Protection
When overcurrent is detected, the overcurrent limiter function limits the output current. Normal operation
is restored when the load current drops below the overcurrent detection value.
Test Circuit
Switching Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com