Electronic Components Datasheet Search
  English  ▼

X  

TPD2005F Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TPD2005F
Description  Low-Side Power Switch Array (8 Channels) for Motors, Solenoids, and Lamp Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2005F Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TPD2005F Datasheet HTML 3Page - Toshiba Semiconductor TPD2005F Datasheet HTML 4Page - Toshiba Semiconductor TPD2005F Datasheet HTML 5Page - Toshiba Semiconductor TPD2005F Datasheet HTML 6Page - Toshiba Semiconductor TPD2005F Datasheet HTML 7Page - Toshiba Semiconductor TPD2005F Datasheet HTML 8Page - Toshiba Semiconductor TPD2005F Datasheet HTML 9Page - Toshiba Semiconductor TPD2005F Datasheet HTML 10Page - Toshiba Semiconductor TPD2005F Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TPD2005F
2006-10-31
9
Caution on Usage
1. As protection against reverse connection of batteries is not provided, take protective measures using external
circuits.
2. As a negative bias protector circuit is not built into the output pins, if negative bias is applied to the output
pins, be sure to connect a freewheel diode between OUT and GND.
Moisture-Proof Packing
After the pack is opened, use the devices in a 30°C, 60% RH environment, and within 48 hours.
Embossed-tape packing cannot be baked. Devices so packed must be within their allowable time limits after
unpacking, as specified on the packing.
Standard tape packing quantity: 2000 devices / reel (EL1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com