Electronic Components Datasheet Search
  English  ▼

X  

2908413 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2908413
Description  CAB-MSTB32/2XMC9/18/20,0M/C3/S - Interface cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908413 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2908413 Datasheet HTML 1Page - PHOENIX CONTACT 2908413 Datasheet HTML 2Page - PHOENIX CONTACT 2908413 Datasheet HTML 3Page - PHOENIX CONTACT 2908413 Datasheet HTML 4Page - PHOENIX CONTACT 2908413 Datasheet HTML 5Page - PHOENIX CONTACT 2908413 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
VIP 16-channel cable for use with Honeywell C300 universal I/O, 18 AWG, 20.0 m long
Your advantages
Splitter cable for connecting two 8-channel VIP base modules to a Honeywell® 16-channel IOTA board assembly
•
#18 AWG halogen-free cable
•
Locking flanges for securing cables to the modules and IOTA
•
Commercial data
Item number
2908413
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
NULL
Product key
DK115B
GTIN
4055626685489
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
22.22 g
Customs tariff number
85444290
Country of origin
US
CAB-MSTB32/2XMC9/18/20,0M/C3/S - Interface cable
2908413
https://www.phoenixcontact.com/us/products/2908413
Mar 21, 2025, 12:30 AM
Page 1 (6)


Similar Part No. - 2908413

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2908410 PHOENIX-2908410 Datasheet
283Kb / 6P
CAB-MSTB32/2XMC9/18/ 8,0M/C3/S - Interface cable
2908411 PHOENIX-2908411 Datasheet
283Kb / 6P
CAB-MSTB32/2XMC9/18/10,0M/C3/S - Interface cable
2908412 PHOENIX-2908412 Datasheet
283Kb / 6P
CAB-MSTB32/2XMC9/18/15,0M/C3/S - Interface cable
2908414 PHOENIX-2908414 Datasheet
83Kb / 6P
Housing upper part, for printed circuit terminal block connection
More results

Similar Description - 2908413

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2903402 PHOENIX-2903402 Datasheet
69Kb / 4P
Cable - CABLE-EC56/F/OE/0,34/S/20,0M
logo
Wurth Elektronik GmbH &...
63910615521 WURTH-63910615521 Datasheet
270Kb / 4P
WR-CAB Ribbon Flat Cable
002.002
63910815521 WURTH-63910815521 Datasheet
269Kb / 4P
WR-CAB Ribbon Flat Cable
002.002
63911415521 WURTH-63911415521 Datasheet
269Kb / 4P
WR-CAB Ribbon Flat Cable
002.002
63911515521 WURTH-63911515521 Datasheet
269Kb / 4P
WR-CAB Ribbon Flat Cable
002.002
63911615521 WURTH-63911615521 Datasheet
269Kb / 4P
WR-CAB Ribbon Flat Cable
002.002
63915015521 WURTH-63915015521 Datasheet
270Kb / 4P
WR-CAB Ribbon Flat Cable
002.002
63901015621CAB WURTH-63901015621CAB Datasheet
271Kb / 4P
WR-CAB Ribbon Flat Cable
001.002
63901415621CAB WURTH-63901415621CAB Datasheet
271Kb / 4P
WR-CAB Ribbon Flat Cable
001.002
63901615621 WURTH-63901615621 Datasheet
271Kb / 4P
WR-CAB Ribbon Flat Cable
001.002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com