Electronic Components Datasheet Search
  English  ▼

X  

2908413 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2908413
Description  CAB-MSTB32/2XMC9/18/20,0M/C3/S - Interface cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908413 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2908413 Datasheet HTML 1Page - PHOENIX CONTACT 2908413 Datasheet HTML 2Page - PHOENIX CONTACT 2908413 Datasheet HTML 3Page - PHOENIX CONTACT 2908413 Datasheet HTML 4Page - PHOENIX CONTACT 2908413 Datasheet HTML 5Page - PHOENIX CONTACT 2908413 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
System cable
Product family
VIP I/O-Marshalling
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-40 °C ... 90 °C (static)
Ambient temperature (storage/transport)
-40 °C ... 90 °C
Electrical properties
Operating voltage (AC/DC)
≤ 30 V AC/DC
Current (Per path)
≤ 2 A
Cable/line
Cable length
20 m
Number of positions
16
Shielded
yes
Conductor type
Assembled shielded round cable
Conductor structure signal line
16x
AWG signal line
18
Conductor cross section
16x 0.75 mm²
External cable diameter
11.80 mm
Conductor material
Tin-plated Cu litz wires
Halogen-free
yes
Flame resistance
IEC 60332-1
Cable type
Splitting cable for two modules
Connection data
Field level
Connection method
pluggable
Number of connections
2
Number of positions
18
Pitch
3.81 mm
Controller level
Connection method
pluggable
Number of connections
1
Number of positions
32
Pitch
5.08 mm
CAB-MSTB32/2XMC9/18/20,0M/C3/S - Interface cable
2908413
https://www.phoenixcontact.com/us/products/2908413
Mar 21, 2025, 12:30 AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com