Electronic Components Datasheet Search
  English  ▼

X  

405C Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # 405C
Description  Timer with Instantaneous Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

405C Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  405C Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 405C Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 405C Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
37
SPECIFICATIONS
MODELS
405C100F1X ON-Delay w/instantaneous & delayed relays
(1 or 10 SEC/MIN/HRS)
405C500F1X ON-Delay w/instantaneous & delayed relays
(5 or 50 SEC/MIN/HRS)
405C100F2X ON-Delay/Interval with (1) DPDT relay
(1 or 10 SEC/MIN/HRS)
405C500F2X ON-Delay/Interval with (1) DPDT relay
(5 or 50 SEC/MIN/HRS)
Both models available in 6 ranges from 1 SEC to 10 HRS
or 5 SEC to 50 HRS
CONTACT
Rated 10 AMPS resistive at 30 VDC or 250 VAC (or less)
RATING
1/8 HP @120 VAC
1/4 HP @ 240 VAC
240 VA @ 240 VAC
LIFE: 10 million operation with no load 100,000
operations with: 10 AMPS at 30 VDC (or less) or
10 AMPS at 250 VAC (or less)
CONTACT
Silver Nickel
MATERIAL
TEMPERATURE
0 to 122°F (-18 C to 50 C)
RATING
MOUNTING
Plug-in octal base; mounts in any position w/ retaining clip
Options:
Surface mounting socket
DIN rail mounting socket
Panel-mounting adapter kit
Plug-on socket kit
POWER
Universal power supply - reverse polarity protected
REQUIREMENTS Unit will accept power from 24 to 240 VAC,
50 or 60 Hz, (+10%, - 20%)
AC
Inrush - 1.5 Amps
Power required - 1.2 watts
DC
Maximum ripple @100 Hz - 5%
Current required - 50mA
Power required - 1.2 watts
F option Peak inrush current = 2 AMPS @ 24 VDC
N option Peak inrush current = 150 mA @ 24 VDC
REPEAT
Varies as a function of temperature.
ACCURACY
Any voltage (constant temperature): ±0.5%*
Any voltage (0°F to 140°F): ±2.0%*
*Variation from average actual time.
MINIMUM SETTING
2% of range, with the exception of 50 mSEC
on the 1 second range
SETTING ACCURACY
± 5% of range
RESET
a 0 to 20 mSEC power interruption: guaranteed no reset.
b 20 to 65 mSEC; it may reset (40 mSEC typical reset).
c Over 65 mSEC guaranteed to reset.
The TDR will reset properly and not start timing
when subjected to an open start switch leakage
of 1.5 mA or less. (Prox switch and Triac drive
applications)
WEIGHT
5 oz. (140 g)
WIRING
WIRING
MODEL 405C...F1X
MODEL 405C...F2X
TERMINAL WIRING
MODEL NUMBER
MODEL NUMBER
405C
RANGE
Six dial-selected ranges
100
(1 or 10 SEC/MIN/HRS)
Six dial-selected ranges
500
(5 or 50 SEC/MIN/HRS)
VOLTAGE & FREQUENCY
12 VDC
E
24 to 240 VAC (50/60 Hz)
F
and 24 VDC
24 VDC (low inrush
N
current for short-circuit
protected sensors)
ARRANGEMENT
8-Pin ON-Delay (with instantaneous contacts)
1
Timing Mode
8-pin ON-Delay,
2
Interval Timing Modes
FEATURES
Standard
X
Special
K
ACCESSORIES
8-Pin surface/DIN rail socket
000-825-85-00
Hold down for above socket
407-025-13-00
(Requires 2 per unit)
Panel mounting bracket
405-320-02-00
Plug-in socket kit (8-pin)
319-261-45-00
8-Pin panel socket
000-825-90-00
w/rear facing terminals
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com