Electronic Components Datasheet Search
  English  ▼

X  

405C Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 405C
Description  Timer with Instantaneous Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

405C Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  405C Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 405C Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 405C Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
36
Automatic Timing & Controls
800.727.5646
atcdiversified.com
INSTANTANEOUS & DELAYED: A version of the 405 is available with
one set of SPDT instantaneous contacts and one set of SPDT delayed
contacts. The instantaneous contacts transfer as soon as the timer is
powered. The delayed contacts transfer at time out. This contact ar-
rangement can be used to replace many conventional timers.
ON DELAY/INTERVAL TIMING MODE VERSION: A version of the 405
is available with selectable ON-delay or Interval timing modes. This
version has a set of DPDT output contacts. When in the ON-delay
mode, the contacts transfer at time out. When in the Interval mode, the
contacts transfer when power is applied and release at time out.
UNIVERSAL POWER: All 405 timers can be powered using 24-240 VAC
or 24 VDC power, greatly simplifying ordering and inventory manage-
ment of replacement units.
1/16 DIN HOUSING: The 48mm2 (1/16 DIN) housing is compact
design. The 405 is mounted in an 8-pin round (octal) socket. With an
optional mounting clip, the 405 can be panel mounted.
The Dial on the 405 is extra-large and is easy to read. When fractional
ranges are selected, decimal points are clearly indicated.
The Mode select and Range select switches are located on the side of
the unit, so that when panel mounted, these switches are not acces-
sible to the operator. This tamper proof feature prevents unauthorized
or hazardous changes to the timing mode and range from being made.
CYCLE PROGRESS INDICATION: The 405 LED indicator provides a
unique and effective method of cycle progress indication. Off before
timing, the LED blinks at an ever increasing rate as the cycle pro-
gresses: once every 3-1/2 seconds during the first 10% of the cycle,
twice during the second 10%, and so on. At time out, the LED pulses
at a high rate. (In the 1, 5, 10 and 50 second ranges, the LED is OFF
before timing, steady ON during timing, and pulsing ON after time-out).
Timing begins when the start switch is closed. This starts an oscilla-
tor which runs at a frequency determined by the time setting. A fixed
number of counts from the oscillator determines the end of the timing
cycle. The time required to accomplish this depends upon the oscillator
frequency. During timing, an LED located on the dial face blinks. For the
first 10% of the cycle, LED repeatedly blinks once followed by a pause.
For the second 10%, it blinks twice and so on indicating the cycle
progress. The LED flashes rapidly and continuously after time out.
MODEL...F1X
The instantaneous contacts (3-1-4) transfer immediately after the
start switch is closed. The delayed contacts (6-8-5) transfer after the
timing cycle indicated on the front dial setting. Both contacts remain
transferred until the unit is reset.
MODEL...F2X
ON DELAY MODE: At time out, the DPDT relay transfers its contacts.
These contacts remain transferred until the start switch is opened or
power is removed by some other means. The 405 then resets and is
ready for another cycle.
INTERVAL MODE: When the start switch is closed, the DPDT relay
transfers its contacts. The contacts remain transferred until time out.
The timer will not start again until the start switch is opened or power
is removed by some other means. The 405 then resets and is ready for
another cycle.
OPERATIONS
Timer with Instantaneous Relay
• On-Delay version with instantaneous relay
• Selectable On-Delay/Interval Timing Mode version
• Output Contacts rated 10A 120/240 VAC and 30 VDC
• Six Timing Ranges in a single unit
• Timing Ranges:
1 and 10 SEC, MIN, and HRS
5 and 50 SEC, MIN, and HRS
• Universal Power Supply: 24-240 VAC and 24 VDC
• 48mm2 DIN Standard housing
• Large and easy to read dial shows decimal points
• Round (octal) socket mount or mount in panel cutout
• Range and Mode select are tamper proof when
panel mounted
• Unique flashing cycle progress indication
E48329
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - 405C

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
Surface Mount Quartz Crystal
405C11AM CTS-405C11AM Datasheet
135Kb / 3P
Surface Mount Quartz Crystal
405C11BM CTS-405C11BM Datasheet
135Kb / 3P
Surface Mount Quartz Crystal
405C11CM CTS-405C11CM Datasheet
135Kb / 3P
Surface Mount Quartz Crystal
405C11DM CTS-405C11DM Datasheet
135Kb / 3P
Surface Mount Quartz Crystal
More results

Similar Description - 405C

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2101B TEMIC-U2101B Datasheet
139Kb / 9P
Relay Timer
logo
List of Unclassifed Man...
CT2A ETC-CT2A Datasheet
348Kb / 1P
Electronic timer relay
logo
PHOENIX CONTACT
ETD-BL-1T-ON-CC-10S PHOENIX-ETD-BL-1T-ON-CC-10S Datasheet
157Kb / 8P
Timer relay with switch-on delay
ETD-SL-1T-S PHOENIX-ETD-SL-1T-S Datasheet
140Kb / 6P
Star/delta timer relay
ETD-SL-1T-DTF PHOENIX-ETD-SL-1T-DTF Datasheet
159Kb / 9P
Multifunctional timer relay with one adjustable time
ETD-FL-2T-DTI PHOENIX-ETD-FL-2T-DTI Datasheet
160Kb / 9P
Multifunctional timer relay with two adjustable times
logo
Crydom Inc.,
DRTX24D06X CRYDOM-DRTX24D06X_17 Datasheet
1Mb / 7P
Soild State Relay Timer
logo
Pepperl+Fuchs Inc.
KFA5-DU-EX1.D PF-KFA5-DU-EX1.D Datasheet
1Mb / 5P
Switch Amplifier, Timer Relay
KFA6-DU-EX1.D PF-KFA6-DU-EX1.D Datasheet
857Kb / 5P
Switch Amplifier, Timer Relay
logo
Littelfuse
KRPD LITTELFUSE-KRPD Datasheet
537Kb / 2P
Relay Output Timer
2016 Rev: 1-A-062116
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com